Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83149 Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HE83149
Description  8-bit Micro-controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83149 Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

  HE83149 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83149
HE80000 SERIES
6
V1.0E
38
SEG[30]
X= -404.10 Y= -1710.30
93
TSTP_P
X=
444.95 Y= 1797.10
39
SEG[29]
X= -288.60 Y= -1710.30
94
SXO
X=
329.45 Y= 1797.10
40
SEG[28]
X= -173.10 Y= -1710.30
95
SXI
X=
213.95 Y= 1797.10
41
SEG[27]
X=
-57.60 Y= -1710.30
96
VDD
X=
98.45 Y= 1797.10
42
SEG[26]
X=
57.90 Y= -1710.30
97
PRTD[7]
X=
-17.05 Y= 1797.10
43
SEG[25]
X=
173.40 Y= -1710.30
98
PRTD[6]
X= -132.55 Y= 1797.10
44
SEG[24]
X=
288.90 Y= -1710.30
99
PRTD[5]
X= -248.05 Y= 1797.10
45
SEG[23]
X=
404.40 Y= -1710.30
100
PRTD[4]
X= -363.55 Y= 1797.10
46
SEG[22]
X=
519.90 Y= -1710.30
101
PRTD[3]
X= -479.05 Y= 1797.10
47
SEG[21]
X=
635.40 Y= -1710.30
102
PRTD[2]
X= -594.55 Y= 1797.10
48
SEG[20]
X=
750.90 Y= -1710.30
103
PRTD[1]
X= -710.05 Y= 1797.10
49
SEG[19]
X=
866.40 Y= -1710.30
104
PRTD[0]
X= -825.55 Y= 1797.10
50
SEG[18]
X=
981.90 Y= -1710.30
105
PWMP
X= -965.30 Y= 1797.10
51
SEG[17]
X= 1097.40 Y= -1710.30
106
PWMN
X= -1128.65 Y= 1797.10
52
SEG[16]
X= 1212.90 Y= -1710.30
107
COM[8]
X= -1267.75 Y= 1797.10
53
SEG[15]
X= 1328.40 Y= -1710.30
108
COM[9]
X= -1383.25 Y= 1797.10
54
SEG[14]
X= 1443.90 Y= -1710.30
109
COM[10] X= -1498.75 Y= 1797.10
55
SEG[13]
X= 1559.40 Y= -1710.30
110
COM[11] X= -1614.25 Y= 1797.10
G. DC/AC Characteristics
Absolute Maximum Rating
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
-0.5V ~ 8V
Input Voltage
Vin
-0.5V ~ Vdd+0.5V
Output Voltage
Vo
-0.5V ~ Vdd+0.5V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C
Recommended Operating Conditions
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
2.2V ~ 5.5V
Vih
0.9 Vdd ~ Vdd
Input Voltage
Vil
0.0V ~ 0.1Vdd
8MHz
Vdd =5.0V
Operating Frequency
Fmax
4MHz
Vdd =2.2V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com