Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83149 Datasheet(PDF) 1 Page - King blillion Electronics Co.,Ltd.

Part # HE83149
Description  8-bit Micro-controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83149 Datasheet(HTML) 1 Page - King blillion Electronics Co.,Ltd.

  HE83149 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83149
HE80000 SERIES
1
V1.0E
A. HE83149 Introduction
HE83149 is a member of 8-bit Micro-controller series developed by King Billion Electronics Ltd.
Users can choose any one of combination among 【1024 dots LCD Driver + 8 Bit I/O Port】…【768
dots LCD Driver + 24 Bit I/O Port】etc. The 7-bit current-type D/A converter and PWM device
provide the complete speech output mechanism. The 256K bytes ROM size can be used in the storage
of speech、graphic、text etc.. It can be applicable to the medium systems such as Small-Scale
Dictionary, Data Bank, Pocket Dialer, and Educational Toy etc.
The instruction sets of HE80000 series are quite easy to learn and simple to use. Only about thirty
instructions with four-type addressing mode are provided. Most of instructions take only 3 oscillator
clocks (machine cycles). The performance of HE83750S is enough for most of battery operation
system.
B. HE83149 Feature
Operation Voltage:
2.4V – 5.5V
System Clock:
4MHz ~ 8MHz
Clock Source:
Internal/External Fast clock, Internal/External slow clock
Internal ROM:
256K Bytes(64K Program ROM+192K Data ROM)
Internal RAM:
512 Bytes
Dual Clock System:
Normal (Fast) clock:
32.768K ~ 8MHz
Slow clock:
32.768 KHz
Operation Mode:
DUAL、FAST、SLOW、IDLE、SLEEP Mode.
8~24 bit Bi-directional I/O port. Mask Option can select PUSH-PULL or OPEN DRAIN output
mode for each I/O pin. 8 of them are shared with LCD segment pins.
1024~768 dots LCD driver (A、B TYPE selectable).
One 7-bit current-type DAC output.
PWM device.
Two external interrupts and three internal timer interrupts.
Two 16-bit timers and one Time-Base timer.
Instruction set: 32 instructions, 4 addressing mode. 9-bit DATA POINTER for RAM and
18-bit TABLE POINTER for ROM.


Similar Part No. - HE83149

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83141 KB-HE83141 Datasheet
273Kb / 12P
8-BIT MICRO-CONTROLLER
HE83142 KB-HE83142 Datasheet
276Kb / 12P
8-BIT MICRO-CONTROLLER
HE83143 KB-HE83143 Datasheet
276Kb / 12P
8-BIT MICRO-CONTROLLER
HE83144 KB-HE83144 Datasheet
258Kb / 10P
8-BIT MICRO-CONTROLLER
HE83145 KB-HE83145 Datasheet
260Kb / 10P
8-BIT MICRO-CONTROLLER
More results

Similar Description - HE83149

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com