Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83149 Datasheet(PDF) 8 Page - King blillion Electronics Co.,Ltd.

Part # HE83149
Description  8-bit Micro-controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83149 Datasheet(HTML) 8 Page - King blillion Electronics Co.,Ltd.

  HE83149 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83149
HE80000 SERIES
8
V1.0E
H. Application Circuit
VDD
VDD
VDD
VDD
VDD
VDD
1/5 BAIS CONFIGURATION
External Slow Clock:
RC osc.
No External Parts is
necessary if user adopt
Internal Fast RC
Clock
External Fast Clock:
Crystal osc.
External Fast Clock:
RC osc.
External Slow Clock:
Crystal osc.
LCD PANEL
Passive
Bias &
Filter
Circuit
Buzzer
or
Speaker
Circuit
Please Refer
AN022 for Speech
Output Circuit
Triple Charge Pump is selected
LCD Max. Voltage=LV3=3*VDD
Triple Charge Pump is selected
LCD Max. Voltage=LV3=3/2*VDD
Triple Charge Pump is selected
LCD Max. Voltage=LV3=VDD
No Capacitor
Floating
Floating
SXO
SXI
FXI
FXO
FXI
SXI
SXO
SXO
FXI
FXO
SXI
SXO
LC1
LC2
LV1
LC1
LC2
LC1
LV2
LC2
LC2
LC1
LV3
LV2
LV3
LV2
LV1
LV3
LV1
LV3
LV2
LV1
R: Please ref . AN016
2MHZ
20P
20P
R > 8.2 KOhm
32.768K
20P
20P
C3
0.1uF
C2
100uF
BATTERY1
3V
C1
0.1uF
C2
0.1uF
C3
0.1uF
C4
0.1uF
SP1
SPEAKER
Q1
NPN
HE83148
VDD
FXO
FXI
SXI
SXO
LC1
LC2
LV1
LV2
LV3 < 9 Volt
LR1
LR2
LR3
LR4
LVG
VO
PWMP
PWMN
COM[15:0]
SEG[47:0]
PRTD[7:0]
RSTP_N
GND
PRT15[7:0]/SEG[63:56]
PRT14[7:0]/SEG[55:48]
LR0
0.1uF
C5
C6
0.1uF
C6
0.1uF
C8 0.1uF
C9 0.1uF
C1
0.1uF
R1
50K
SW1
RESET
C: Please Ref . AN016
VR1
?K Ohm
C7 0.1uF
C9 0.1uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com