Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9267PC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9267PC
Description  High Efficiency, Low Quiescent, Triple Output DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9267PC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9267PC Datasheet HTML 1Page - Richtek Technology Corporation RT9267PC Datasheet HTML 2Page - Richtek Technology Corporation RT9267PC Datasheet HTML 3Page - Richtek Technology Corporation RT9267PC Datasheet HTML 4Page - Richtek Technology Corporation RT9267PC Datasheet HTML 5Page - Richtek Technology Corporation RT9267PC Datasheet HTML 6Page - Richtek Technology Corporation RT9267PC Datasheet HTML 7Page - Richtek Technology Corporation RT9267PC Datasheet HTML 8Page - Richtek Technology Corporation RT9267PC Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9267
Preliminary
5
DS9267-08
March 2007
www.richtek.com
Typical Operating Characteristics
Switching Frequency vs. Temperature
460
480
500
520
540
560
580
-40
-20
0
20
406080
Temperature
2
nd PWM
1
st PWM
(°C)
VDD = 3.3V
Feedback Voltage vs. Temperature
1.250
1.252
1.254
1.256
1.258
1.260
1.262
-40
-20
0
2040
6080
Temperature
2
nd PWM
1
st PWM
VDD = 3.3V
(°C)
LX Pin On Resistance vs. VDD Pin Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0123456
VDD Pin Voltage (V)
TA = 25°C
LX1 Pin
LX2 Pin
Efficiency vs. Output Current
70
75
80
85
90
95
1
10
100
1000
Output Current (mA)
VIN = 3.2V
VIN = 1.8V
VIN = 2.8V
VIN = 2.0V
VIN = 2.4V
VOUT = 3.3V
TA = 25°C
Total Input Current (IIN) vs. Input Voltage
0
200
400
600
800
1000
1200
1400
1600
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input Voltage (V)
VOUT1 = 3.3V, VOUT2 = 18V @ No Load
( Refer to Typical Application Circuit )
Switching Frequency vs. VDD Pin Voltage
0
100
200
300
400
500
600
700
800
900
1000
01
23
45
6
VDD Pin Voltage(V)
2
nd PWM
1
st PWM
FB1 = FB2 = GND
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com