Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9267PC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9267PC
Description  High Efficiency, Low Quiescent, Triple Output DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9267PC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9267PC Datasheet HTML 1Page - Richtek Technology Corporation RT9267PC Datasheet HTML 2Page - Richtek Technology Corporation RT9267PC Datasheet HTML 3Page - Richtek Technology Corporation RT9267PC Datasheet HTML 4Page - Richtek Technology Corporation RT9267PC Datasheet HTML 5Page - Richtek Technology Corporation RT9267PC Datasheet HTML 6Page - Richtek Technology Corporation RT9267PC Datasheet HTML 7Page - Richtek Technology Corporation RT9267PC Datasheet HTML 8Page - Richtek Technology Corporation RT9267PC Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9267
Preliminary
1
DS9267-08
March 2007
www.richtek.com
Features
Two Channels of Adaptive PWM Controllers
One Channel of Low Dropout Regulator
One Voltage Detector
Low Start-Up Voltage 1.0V
Low Quiescent Current 40
μμμμμA for the Whole IC
High Switching Rate 550kHz
Built-In 2A Switching NMOS
Two Separated Chip Enable Control Pins
2% Accuracy for All Channels
Minimized External Components
Small TSSOP-16 Package
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
PDA
Portable Instrument
Wireless Equipment
DSC
LCD Back Bias Circuit
RF-Tags
High Efficiency, Low Quiescent, Triple Output DC-DC Converter
Ordering Information
General Description
The RT9267 is a triple output DC-DC converter IC
including two adaptive PWM controllers, one low dropout
regulator, and one voltage detector. RT9267 is capable
of delivering hundreds of mA output current and consumes
only 40
μA quiescent current for the whole IC.
The adaptive PWM controllers are configured for boost
applications with built-in 2A NMOS for each channel. The
proprietary adaptive PWM loop provides PWM operation
for heavier output loading conditions and PFM for lighter
loading, with seamless auto-transition. The 550kHz
switching rate reduces the size of external passive
components.
The low dropout linear regulator (LDO) is designed with a
built-in 300mA PMOS, providing 1mV/mA low dropout
voltage with respect to variant output current values.
The voltage detector provides the supervisory function
with open collector pull-low output. All the 4 function units
are adjustable, and each can be set with two resistors in
divider connection. The reference voltage for each
channel is set to 1.25V for the two adaptive PWM
controllers, and 0.86V for the LDO and the voltage
detector.
The RT9267 is in TSSOP 16 pin package which fits space-
limited hand held devices well.
(TOP VIEW)
TSSOP-16
4
2
3
5
7
6
8
13
15
14
12
10
11
9
16
LX1
EN1
GND
EN2
NC
LX2
NC
GND
LBO
LBI
FB2
LDOO
NC
LFB
FB1
VDD
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9267
Package Type
C : TSSOP-16
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9267PC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261-15CB RICHTEK-RT9261-15CB Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15CX RICHTEK-RT9261-15CX Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15GB RICHTEK-RT9261-15GB Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
More results

Similar Description - RT9267PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
5W TRIPLE OUTPUT DC-DC CONVERTER
Jun-1994
logo
List of Unclassifed Man...
FDD12-512T4 ETC-FDD12-512T4 Datasheet
142Kb / 3P
DC-DC CONVERTER 12W TRIPLE OUTPUT
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
logo
SynQor Worldwide Headqu...
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
25W DC-DC Triple Output Converter
logo
MORNSUN Science& Techno...
JY240816D-30W MORNSUN-JY240816D-30W Datasheet
225Kb / 2P
UNREGULATED,TRIPLE OUTPUT DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX20419 MAXIM-MAX20419 Datasheet
141Kb / 2P
High-Efficiency, 3-Output, Low-Voltage DC-DC Converter
MAX20419 MAXIM-MAX20419_V01 Datasheet
718Kb / 18P
High-Efficiency, 3-Output, Low-Voltage DC-DC Converter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com