Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9267PC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9267PC
Description  High Efficiency, Low Quiescent, Triple Output DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9267PC Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9267PC Datasheet HTML 1Page - Richtek Technology Corporation RT9267PC Datasheet HTML 2Page - Richtek Technology Corporation RT9267PC Datasheet HTML 3Page - Richtek Technology Corporation RT9267PC Datasheet HTML 4Page - Richtek Technology Corporation RT9267PC Datasheet HTML 5Page - Richtek Technology Corporation RT9267PC Datasheet HTML 6Page - Richtek Technology Corporation RT9267PC Datasheet HTML 7Page - Richtek Technology Corporation RT9267PC Datasheet HTML 8Page - Richtek Technology Corporation RT9267PC Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT9267
Preliminary
7
DS9267-08
March 2007
www.richtek.com
Transient Response
Time (250
μs/Div)
200
400
0
50
100
150
0
VIN = 2V, VOUT = 3.3V
IOUT = 10mA to 300mA
≈
≈
Transient Response
Time (250
μs/Div)
200
400
0
100
200
300
0
VIN = 3V, VOUT = 3.3V
IOUT = 10mA to 300mA
≈
≈
LX & Output Ripple
Time (
μs)
200
-200
0
2
4
6
0
VIN = 3.2V, VOUT = 3.3V @ 300mA
0
2.5 5.0
7.5
10 12.5
15
17.5 20
22.5 25
≈
≈
LX & Output Ripple
200
-200
0
2
4
6
0
VIN= 3.2V, VOUT = 3.3V @ 10mA
0
50 100 150 200 250 300 350 400 450 500
Time (
μs)
≈
≈
250
≈
LX & Output Ripple
200
-200
0
2
4
6
0
VIN = 2.8V, VOUT = 3.3V @ 10mA
0
25
50
75
100 125 150 175 200 225
≈
Time (
μs)
LX & Output Ripple
Time (
μs)
200
-200
0
2
4
6
0
VIN = 2.8V, VOUT = 3.3V @ 300mA
0
2.5 5.0
7.5
10 12.5
15
17.5 20
22.5 25
≈
≈



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com