Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9267PC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9267PC
Description  High Efficiency, Low Quiescent, Triple Output DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9267PC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9267PC Datasheet HTML 1Page - Richtek Technology Corporation RT9267PC Datasheet HTML 2Page - Richtek Technology Corporation RT9267PC Datasheet HTML 3Page - Richtek Technology Corporation RT9267PC Datasheet HTML 4Page - Richtek Technology Corporation RT9267PC Datasheet HTML 5Page - Richtek Technology Corporation RT9267PC Datasheet HTML 6Page - Richtek Technology Corporation RT9267PC Datasheet HTML 7Page - Richtek Technology Corporation RT9267PC Datasheet HTML 8Page - Richtek Technology Corporation RT9267PC Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9267
Preliminary
2
DS9267-08
March 2007
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
LX1
The Switching Pin for 1
st
PWM Converter
2
EN1
Enable Pin for 1
st
PWM Converter and LDO. (Active High)
3
GND
Ground (Both Pin3 and Pin8 should be connected)
4
EN2
Enable Pin for 2
nd
PWM Converter and Voltage Detector. (Active High)
5
NC
Not Connected
6
LX2
The Switching Pin for 2
nd
PWM Converter
7
NC
Not Connected
8
GND
Ground (Both Pin3 and Pin8 should be connected)
9
LBO
NMOS Open Drain Output of the Voltage Detector. This pin will internally pulled low when
the voltage at LBI pin below 0.86V.
10
LBI
Input Pin for Voltage Detector. The trip point is 0.86V.
11
FB2
Feedback Input Pin for 2
nd
PWM Converter. Internal VREF for the error amplifier is 1.25V.
12
LDOO
Voltage Output Pin for the LDO.
13
NC
Not Connected
14
LFB
Feedback Pin for the LDO. Internal VREF for the error amplifier is 0.86V
15
FB1
Feedback Input Pin for 1
st
PWM Converter. Internal VREF for the error amplifier is 1.25V
16
VDD
Input Positive Power Pin of RT9267, and also the Voltage Input Pin for LDO.
CE1
CE2
LDOO
LFB
VDD
LX1
FB1
LX2
RT9267
2
1
15
14
12
4
LBI
LBO
NC
NC
NC
FB2
GND
GND
6
11
10
9
5
7
13
83
16
R5
R6
1.6M
980k
C4
100pF
C6
100uF
C7
1uF
D1
D2
L1
L2
10uH
4.7uH
C10
100uF
Q1
N MOS
R7
R8
1.5M
112k
C5
0.1uF
R1
R2
1.3M
680k
C3
100pF
C2
10uF
C1
1uF
R4
R3
2.5V
C8
100uF
C9
1uF
1N5819
1N5819
3.3V
18V
V
IN (1.1V to 3.3V)
Low Battery
Warning Output
(Poen Collector)
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com