Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9267PC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9267PC
Description  High Efficiency, Low Quiescent, Triple Output DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9267PC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9267PC Datasheet HTML 1Page - Richtek Technology Corporation RT9267PC Datasheet HTML 2Page - Richtek Technology Corporation RT9267PC Datasheet HTML 3Page - Richtek Technology Corporation RT9267PC Datasheet HTML 4Page - Richtek Technology Corporation RT9267PC Datasheet HTML 5Page - Richtek Technology Corporation RT9267PC Datasheet HTML 6Page - Richtek Technology Corporation RT9267PC Datasheet HTML 7Page - Richtek Technology Corporation RT9267PC Datasheet HTML 8Page - Richtek Technology Corporation RT9267PC Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9267
Preliminary
3
DS9267-08
March 2007
www.richtek.com
Function Block Diagram
Absolute Maximum Ratings
Supply Voltage ------------------------------------------------------------------------------------------------------
−0.3V to 7V
LX Pin Switch Voltage ---------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.8V)
LDO Output Voltage -----------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
Other I/O Pin Voltages --------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
LX Pin Switch Current --------------------------------------------------------------------------------------------- 2.5A
EXT Pin Driver Current --------------------------------------------------------------------------------------------- 30mA
LBO Current --------------------------------------------------------------------------------------------------------- 30mA
Power Dissipation, PD @ TA = 25
°C
TSSOP-16 ------------------------------------------------------------------------------------------------------------ 600mW
Operating Junction Temperature -------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to +150°C
1
st PWM converter
2
nd PWM converter
+
-
+
-
Loop Control Circuit
0.86V
Q2
N MOS
1.25V
VDD
R2
Q3
N MOS
EN2
LBI
LBO
FB2
Q1
N MOS
R1
LX2
GND
Shut Down
Over Temp.
Detector
2nd PWM and Voltage Detector controlled with CE2
+
-
+
-
Loop Control Circuit
0.86V
Q2
P MOS
1.25V
VDD
R2
Q3
N MOS
EN1
LFB
LDO O
FB1
Q1
N MOS
R1
LX1
Shut Down
Over Temp.
Detector
VDD
1st PWM and LDO controlled with CE1
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com