Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6305 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT6305 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACT6305 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACT6305
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
TOP MARK
ACT6305UC
-40
° C to 85°C
SOT23-5
5
HBCA
PIN CONFIGURATION
PIN DESCRIPTION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
FB
Output Voltage Selected and Feedback Input. Connect to G to select VOUT =
5V.
Connect to OUT to select VOUT = 3.3V. Connect to a resistor divider to set output voltage
between 2V and 5V.
2
G
Ground.
3
EN
Shutdown Input. Drive EN to IN or to a logic high for normal operation, drive to G or to a
logic low to disable the regulator.
4
LX
Inductor Connection
5
OUT
Output. ACT6305 regulates the voltage at this pin. OUT also provides power to the IC.
Active-Semi, Inc.
- 2 -
www.active-semi.com
1
2
3
5
4
OUT
LX
FB
G
EN
SOT23-5
ACT6305
UC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com