Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6305 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT6305 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ACT6305 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ACT6305
TYPICAL PERFORMANCE CHARACTERISTICS CONT'D
Active-Semi, Inc.
- 8 -
www.active-semi.com
DCM Mode Connection
Low ESR Output Capacitor
V
OUT(50mV/Div)
V(LX) (2V/Div) Time: 5µs/Div
V
OUT
V(LX)
V
OUT = 3.3V
V
IN = 1.2V
I
LOAD = 10mA
Current Limit Condition
Low ESR Output Capacitor
V
OUT (100mV/Div)
V(LX) (2V/Div) Time: 2.5µs/Div
V
OUT
V(LX)
V
OUT = 3.3V
V
IN = 2.4V
I
LOAD = 408mA
Heavy Load Condition
Low ESR Output Capacitor
V
OUT(100mV/Div)
DCM Mode Connection
High ESR Output Capacitor
V
OUT(100mV/Div)
Heavy Load Condition
High ESR Output Capacitor
V
OUT(100mV/Div)
V
OUT = 3.3V
V
IN = 1.2V
I
LOAD = 10mA
V
OUT = 3.3V
V
IN = 2.4V
I
LOAD = 408mA
V(LX) (2V/Div) Time: 2.5µs/Div
V(LX) (2V/Div) Time: 25µs/Div
V(LX) (2V/Div) Time: 5µs/Div
V
OUT
V(LX)
V
OUT = 5.2V
V
IN = 3.6V
I
LOAD = 400mA
V
OUT
V(LX)
V
OUT = 3.3V
V
IN = 2.4V
I
LOAD = 340mA
V
OUT
V(LX)
V
OUT = 3.3V
V
IN = 2.4V
I
LOAD = 112mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com