Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6305 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT6305 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ACT6305 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACT6305
ABSOLUTE MAXIMUM RATINGS
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long periods may affect device
reliability.)
PARAMETER
VALUE
UNIT
OUT, EN to G
-0.3 to 6
V
FB, LX to G
-0.3 to VOUT + 0.3
V
Continuous LX Current
Internally Limited
A
Maximum Power Dissipation (derate 5mW/°C above TA = 50°C)
0.53
W
Junction to Ambient Thermal Resistance (
θ JA)
190
°C/W
Operating Junction Temperature
Storage Temperature
Lead Temperature (Soldering, 10 sec)
-40 to 150
-55 to 150
300
°C
°C
°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 1.5V,
VOUT = 3.3V, TA = 25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum Operating Input Voltage
0.6
V
Startup Voltage
0.95
1.1
V
Output Voltage
VOUT
FB = OUT
FB = G
3.2
4.85
3.3
5
3.4
5.15
V
Startup to Normal Transition Voltage
Threshold
1.85
V
FB Feedback Voltage
VFB
VOUT = 2V to 5V
1.16
1.18
1.2
V
FB Input Current
FB = 1.3V
0.1
µA
Power Switch Current Limit
ILIM
1
1.2
1.4
A
Power Switch On Resistance
RONN
ILX = 100mA
0.15
0.3
Ω
Synchronous Rectifier On Resistance
RONP
ILX = 100mA
0.25
0.5
LX Leakage Current
SHDN = G, VLX = 0 or 3.3V
0.1
1
µA
Output Voltage Range
External Feedback divider
2
5
V
Quiescent Current at OUT
IQ
VFB = 1.3V
17
34
µA
Shutdown Supply Current
ISD
SHDN = G
0.1
1
µA
Maximum On Time
Programming High Time
tONMAX
VOUT = 2V to 5.5V
1
50
5
ns
75
µs
Finish High Time
tFINISH
500
µs
Off Timeout
tOFF
300
500
µs
Input Current
1
µA
Active-Semi, Inc.
- 3 -
www.active-semi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com