Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6305 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT6305 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ACT6305 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACT6305
Figure 2. Functional Block Diagram
FUNCTIONAL DESCRIPTION
The ACT6305
comprises
a
reference,
feedback select error comparator, control logic
and timers, internal power MOSFETs and current
comparators. The Functional Block Diagram is
shown in Figure 2.
MAIN CONTROL LOOP
The ACT6305 control architecture utilizes a
series of one-shot and current sense circuits to
regulate the output voltage with very low
quiescent supply current of just 17µA. An ON
cycle begins when FB falls below the ACT6305's
internal reference voltage. During an ON cycle,
the N-channel power switch is turned on to
connect the LX node to ground, transferring
energy from input supply to the inductor. The ON
cycle persists until either the 5µs maximum ON
time is exceeded or the 1A current limit is
reached. When either or these conditions occur,
the N-channel power switch turns off and the
OFF cycle begins. During the OFF cycle, the
energy stored in the inductor is released into the
output
capacitor
and
load
through
the
synchronous rectifier. Once the 1µs minimum
OFF time expires, another ON cycle begins
when the FB voltage drops below the reference
voltage.
LIGHT LOAD OPERATION
Under
light
load
conditions,
the
IC
automatically enters a power-saving mode by
extending the OFF time. This reduces switching
losses and allows the ACT6305 to maintain high
efficiency across a very wide load range.
LOW VOLTAGE START UP
The ACT6305 uses proprietary start-up
circuitry that allows it to achieve very low voltage
startup down to 0.95V. The ACT6305 remains in
low-voltage startup mode until VOUT exceeds
1.85V. The ACT6305 cannot support it's full rated
load current when operating in low-voltage
startup mode, care should be taken to minimize
load current during startup.
SHUTDOWN
In shutdown mode, all internal circuits
including the power switch and the synchronous
rectifier are disabled, reducing quiescent supply
current to less than 1µA. Note that in shutdown
mode a DC path from the input supply to the
output still exists due to the body diode of the
synchronous rectifier.
Active-Semi, Inc.
- 4 -
www.active-semi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com