Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6305 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT6305 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACT6305 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACT6305 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACT6305
Low Input High Efficiency
Synchronous Step-Up DC-DC Converter
FEATURES
0.95V Typical Startup Voltage
Up to 94% Efficiency
Fully Integrated Power Stage
Fixed 3.3V / 5V or Adjustable Output Voltage
NanoStandbyTM Shutdown Mode
Tiny SOT 23-5 Package
APPLICATIONS
Hand-Held Devices
One to Three Cell Battery Operated Devices
PDAs
Cellular Phones
Digital Cameras
GPS
GENERAL DESCRIPTION
The
ACT6305
is
a
high-efficiency
synchronous step-up DC-DC converter that
consumes just 17µA of quiescent supply current
and is capable of delivering more than 400mA
output
current
using
only
three
external
components. This device achieves a typical
startup voltage of just 0.95V, making this device
ideal for applications operating from 1 or 2
alkaline cells.
This
device
incorporates
an
internal
synchronous rectifier, and achieves excellent
peak efficiencies of up to 94% and features a
proprietary control scheme that ensures high
efficiency over a wide load current range.
The ACT6305 features pin-selectable output
voltages of 3.3V or 5V, or it can also be set
externally to any voltage between 2V and 5V.
The ACT6305 is available in the tiny SOT23-5
Package.
Figure 1. Typical Application Circuit
Active-Semi, Inc.
- 1 -
www.active-semi.com
Data Sheet
Rev PrA, 6/2006
VOUT= 5V
4.7-6.8µH
22µF Ceramic
4.7- 10µF Ceramic


Similar Part No. - ACT6305

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev0, 13-May-08
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
390Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
389Kb / 10P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
ACT6305UC-T ACTIVE-SEMI-ACT6305UC-T Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev0, 13-May-08
More results

Similar Description - ACT6305

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Active-Semi, Inc
ACT6308 ACTIVE-SEMI-ACT6308 Datasheet
399Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev PrB, 20-Feb-08
ACT6305 ACTIVE-SEMI-ACT6305 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev0, 13-May-08
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
ACT6305 ACTIVE-SEMI-ACT6305_12 Datasheet
390Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
ACT6305 ACTIVE-SEMI-ACT6305_14 Datasheet
389Kb / 10P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 3, 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com