Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 25Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 26Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 27Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 28Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 29Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 30Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 31Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 32Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
29
NOTE
This documentation covers all devices in the S12XD, S12XB and S12XA
families. A full list of these devices and their features can be found in the
following chapters:
•
E.1 Memory Sizes and Package Options S12XD - Family
•
E.2 Memory Sizes and Package Options S12XA & S12XB Family
•
E.5 Peripheral Sets S12XD - Family
•
E.6 Peripheral Sets S12XA & S12XB - Family
•
Table 1-6 Partnames, Masksets and assigned PartID’s
This document includes different sections for S12XDPIM, S1XMMC,
S12XDBG, S12XEETX and S12XFTX because the different masksets of
the S12XD, S12XB and S12XA families include differnt configurations or
versions of the modules or have different memory sizes. Table 0-1 shows the
maskset specific chapters in this documentation.
Table 0-1. Maskset Specific Documentation
Chapters in this Documentation
L15Y
(512k
Flash)
M84E
(256K
Flash)
M42E
(128K
Flash)
Chapter 21 External Bus Interface (S12XEBIV2) 787
✓✓
Chapter 17 Memory Mapping Control (S12XMMCV2) 613
✓
Chapter 18 Memory Mapping Control (S12XMMCV3) 649
✓✓
Chapter 19 Debug (S12XDBGV2) 691
✓
Chapter 20 S12X Debug (S12XDBGV3) Module 743
✓✓
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2) 805
✓
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2) 899
✓
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2) 973
✓
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1) 1037
✓
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2) 1071
✓✓
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2) 1105
✓
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1) 1147
✓
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1) 1189
✓
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3) 157
✓✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com