Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 27Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 28Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 29Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 30Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 31Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 32Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 33Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 34Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
31
Chapter 1 Device Overview MC9S12XD-Family
1.1
Introduction
The MC9S12XD family will retain the low cost, power consumption, EMC and code-size efficiency
advantages currently enjoyed by users of Freescale's existing 16-Bit MC9S12 MCU Family.
Based around an enhanced S12 core, the MC9S12XD family will deliver 2 to 5 times the performance of
a 25-MHz S12 whilst retaining a high degree of pin and code compatibility with the S12.
The MC9S12XD family introduces the performance boosting XGATE module. Using enhanced DMA
functionality, this parallel processing module offloads the CPU by providing high-speed data processing
and transfer between peripheral modules, RAM, Flash EEPROM and I/O ports. Providing up to 80 MIPS
of performance additional to the CPU, the XGATE can access all peripherals, Flash EEPROM and the
RAM block.
The MC9S12XD family is composed of standard on-chip peripherals including up to 512 Kbytes of Flash
EEPROM, 32 Kbytes of RAM, 4 Kbytes of EEPROM, six asynchronous serial communications interfaces
(SCI), three serial peripheral interfaces (SPI), an 8-channel IC/OC enhanced capture timer, an 8-channel,
10-bit analog-to-digital converter, a 16-channel, 10-bit analog-to-digital converter, an 8-channel
pulse-width modulator (PWM), five CAN 2.0 A, B software compatible modules (MSCAN12), two
inter-IC bus blocks, and a periodic interrupt timer. The MC9S12XD family has full 16-bit data paths
throughout.
The non-multiplexed expanded bus interface available on the 144-pin versions allows an easy interface to
external memories
The inclusion of a PLL circuit allows power consumption and performance to be adjusted to suit
operational requirements. System power consumption can be further improved with the new “fast exit from
stop mode” feature.
In addition to the I/O ports available in each module, up to 25 further I/O ports are available with interrupt
capability allowing wake-up from stop or wait mode.
Family members in 144-pin LQFP will be available with external bus interface and parts in 112-pin LQFP
or 80-pin QFP package without external bus interface. See Appendix E Derivative Differences for package
optioÔÛÆ@»



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com