Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 93Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 94Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 95Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 96Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 97Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 98Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 99Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 100Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
97
2.3.2.12
CRG COP Timer Arm/Reset Register (ARMCOP)
This register is used to restart the COP time-out period.
Read: Always reads 0x_00
Write: Anytime
When the COP is disabled (CR[2:0] = “000”) writing to this register has no effect.
When the COP is enabled by setting CR[2:0] nonzero, the following applies:
Writing any value other than 0x_55 or 0x_AA causes a COP reset. To restart the COP time-out
period you must write 0x_55 followed by a write of 0x_AA. Other instructions may be executed
between these writes but the sequence (0x_55, 0x_AA) must be completed prior to COP end of
time-out period to avoid a COP reset. Sequences of 0x_55 writes or sequences of 0x_AA writes
are allowed. When the WCOP bit is set, 0x_55 and 0x_AA writes must be done in the last 25% of
the selected time-out period; writing any value in the first 75% of the selected period will cause a
COP reset.
76543210
R
00000000
W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
00000000
Figure 2-15. ARMCOP Register Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com