Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 52Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 53Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 54Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 55Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 56Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 57Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 58Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 59Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
56
Freescale Semiconductor
1.2.3.3
TEST — Test Pin
This input only pin is reserved for test. This pin has a pulldown device.
NOTE
The TEST pin must be tied to VSS in all applications.
1.2.3.4
VREGEN — Voltage Regulator Enable Pin
This input only pin enables or disables the on-chip voltage regulator. The input has a pullup device.
1.2.3.5
XFC — PLL Loop Filter Pin
Please ask your Freescale representative for the interactive application note to compute PLL loop filter
elements. Any current leakage on this pin must be avoided.
Figure 1-10. PLL Loop Filter Connections
1.2.3.6
BKGD / MODC — Background Debug and Mode Pin
The BKGD/MODC pin is used as a pseudo-open-drain pin for the background debug communication. It
is used as a MCU operating mode select pin during reset. The state of this pin is latched to the MODC bit
at the rising edge of RESET. The BKGD pin has a pullup device.
1.2.3.7
PAD[23:8] / AN[23:8] — Port AD Input Pins of ATD1
PAD[23:8] are general-purpose input or output pins and analog inputs AN[23:8] of the analog-to-digital
converter ATD1.
1.2.3.8
PAD[7:0] / AN[7:0] — Port AD Input Pins of ATD0
PAD[7:0] are general-purpose input or output pins and analog inputs AN[7:0] of the analog-to-digital
converter ATD0.
1.2.3.9
PAD[15:0] / AN[15:0] — Port AD Input Pins of ATD1
PAD[15:0] are general-purpose input or output pins and analog inputs AN[15:0] of the analog-to-digital
converter ATD1.
MCU
XFC
R0
CS
CP
VDDPLL
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com