Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 55Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 56Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 57Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 58Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 59Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 60Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 61Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 62Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
59
pull-down device which is only active when RESET is low. TAGHI is used to tag the high half of the
instruction word being read into the instruction queue.
The input voltage threshold for PE6 can be configured to reduced levels, to allow data from an external
3.3-V peripheral to be read by the MCU operating at 5.0 V. The input voltage threshold for PE6 is
configured to reduced levels out of reset in expanded and emulation modes.
1.2.3.18
PE5 / MODA / TAGLO / RE — Port E I/O Pin 5
PE5 is a general-purpose input or output pin. It is used as a MCU operating mode select pin during reset.
The state of this pin is latched to the MODA bit at the rising edge of RESET. This pin is shared with the
read enable RE output. This pin is an input with a pull-down device which is only active when RESET is
low. TAGLO is used to tag the low half of the instruction word being read into the instruction queue.
The input voltage threshold for PE5 can be configured to reduced levels, to allow data from an external
3.3-V peripheral to be read by the MCU operating at 5.0 V. The input voltage threshold for PE5 is
configured to reduced levels out of reset in expanded and emulation modes.
1.2.3.19
PE4 / ECLK — Port E I/O Pin 4
PE4 is a general-purpose input or output pin. It can be configured to drive the internal bus clock ECLK.
ECLK can be used as a timing reference.
1.2.3.20
PE3 / LSTRB / LDS / EROMCTL— Port E I/O Pin 3
PE3 is a general-purpose input or output pin. In MCU expanded modes of operation, LSTRB or LDS can
be used for the low byte strobe function to indicate the type of bus access. At the rising edge of RESET
the state of this pin is latched to the EROMON bit.
1.2.3.21
PE2 / R/W / WE— Port E I/O Pin 2
PE2 is a general-purpose input or output pin. In MCU expanded modes of operations, this pin drives the
read/write output signal or write enable output signal for the external bus. It indicates the direction of data
on the external bus
1.2.3.22
PE[6:2] — Port E I/O Pins
PE[6:2] are general-purpose input or output pins.
1.2.3.23
PE1 / IRQ — Port E Input Pin 1
PE1 is a general-purpose input pin and the maskable interrupt request input that provides a means of
applying asynchronous interrupt requests. This will wake up the MCU from stop or wait mode.
1.2.3.24
PE0 / XIRQ — Port E Input Pin 0
PE0 is a general-purpose input pin and the non-maskable interrupt request input that provides a means of
applying asynchronous interrupt requests. This will wake up the MCU from stop or wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com