Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 158Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 159Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 160Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 161Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 162Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 163Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 164Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 165Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
162
Freescale Semiconductor
5.3
Memory Map and Register Definition
This section provides a detailed description of all registers accessible in the ATD.
5.3.1
Module Memory Map
Figure 5-2 gives an overview of all ATD registers.
NOTE
Register Address = Base Address + Address Offset, where the Base Address
is defined at the MCU level and the Address Offset is defined at the module
level.
5.3.2
Register Descriptions
This section describes in address order all the ATD registers and their individual bits.
Register
Name
Bit 7
654321
Bit 0
ATDCTL0
R
00000
WRAP2
WRAP1
WRAP0
W
ATDCTL1
R
ETRIGSEL
0000
ETRIGCH2 ETRIGCH1 ETRIGCH0
W
ATDCTL2
R
ADPU
AFFC
AWAI
ETRIGLE
ETRIGP
ETRIGE
ASCIE
ASCIF
W
ATDCTL3
R
0
S8C
S4C
S2C
S1C
FIFO
FRZ1
FRZ0
W
ATDCTL4
R
SRES8
SMP1
SMP0
PRS4
PRS3
PRS2
PRS1
PRS0
W
ATDCTL5
R
DJM
DSGN
SCAN
MULT
0
CC
CB
CA
W
ATDSTAT0
R
SCF
0
ETORF
FIFOR
0
CC2
CC1
CC0
W
Unimplemente
d
R
W
ATDTEST0
R
UUUUUUUU
W
ATDTEST1
R
U
U
00000
SC
W
= Unimplemented or Reserved
Figure 5-2. ATD Register Summary (Sheet 1 of 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com