Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 174Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 175Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 176Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 177Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 178Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 179Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 180Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 181Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
178
Freescale Semiconductor
5.3.2.11
ATD Input Enable Register (ATDDIEN)
Read: Anytime
Write: Anytime
5.3.2.12
Port Data Register (PORTAD)
The data port associated with the ATD can be configured as general-purpose I/O or input only, as specified
in the device overview. The port pins are shared with the analog A/D inputs AN7–0.
Read: Anytime
Write: Anytime, no effect
The A/D input channels may be used for general purpose digital input.
76543210
R
IEN7
IEN6
IEN5
IEN4
IEN3
IEN2
IEN1
IEN0
W
Reset
00000000
Figure 5-13. ATD Input Enable Register (ATDDIEN)
Table 5-21. ATDDIEN Field Descriptions
Field
Description
7–0
IEN[7:0]
ATD Digital Input Enable on channel x (x = 7, 6, 5, 4, 3, 2, 1, 0) — This bit controls the digital input buffer from
the analog input pin (ANx) to PTADx data register.
0 Disable digital input buffer to PTADx
1 Enable digital input buffer to PTADx.
Note: Setting this bit will enable the corresponding digital input buffer continuously. If this bit is set while
simultaneously using it as an analog port, there is potentially increased power consumption because the
digital input buffer maybe in the linear region.
76543210
R
PTAD7
PTAD6
PTAD5
PTAD4
PTAD3
PTAD2
PTAD1
PTAD0
W
Reset
11111111
Pin
Function
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
= Unimplemented or Reserved
Figure 5-14. Port Data Register (PORTAD)
Table 5-22. PORTAD Field Descriptions
Field
Description
7–0
PTAD[7:0]
A/D Channel x (ANx) Digital Input (x = 7, 6, 5, 4, 3, 2, 1, 0) — If the digital input buffer on the ANx pin is enabled
(IENx = 1) or channel x is enabled as external trigger (ETRIGE = 1,ETRIGCH[2–0] = x,ETRIGSEL = 0) read
returns the logic level on ANx pin (signal potentials not meeting VIL or VIH specifications will have an
indeterminate value).
If the digital input buffers are disabled (IENx = 0) and channel x is not enabled as external trigger, read returns
a “1”.
Reset sets all PORTAD0 bits to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com