Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 183Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 184Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 185Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 186Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 187Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 188Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 189Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 190Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
187
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
XGIF
R
0000000
XGIF_78 XGF_77 XGIF_76 XGIF_75 XGIF_74 XGIF_73 XGIF_72 XGIF_71 XGIF_70
W
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
XGIF
R
XGIF_6F XGIF_6E XGIF_6D XGIF_6C XGIF_6B XGIF_6A XGIF_69 XGIF_68 XGF_67 XGIF_66 XGIF_65 XGIF_64 XGIF_63 XGIF_62 XGIF_61 XGIF_60
W
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
XGIF
R
XGIF_5F XGIF_5E XGIF_5D XGIF_5C XGIF_5B XGIF_5A XGIF_59 XGIF_58 XGF_57 XGIF_56 XGIF_55 XGIF_54 XGIF_53 XGIF_52 XGIF_51 XGIF_50
W
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
XGIF
R
XGIF_4F XGIF_4E XGIF_4D XGIF_4C XGIF_4B XGIF_4A XGIF_49 XGIF_48 XGF _47 XGIF_46 XGIF_45 XGIF_44 XGIF_43 XGIF_42 XGIF_41 XGIF_40
W
Register
Name
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
XGIF
R
XGIF_3F XGIF_3E XGIF_3D XGIF_3C XGIF_3B XGIF_3A XGIF_39 XGIF_38 XGF _37 XGIF_36 XGIF_35 XGIF_34 XGIF_33 XGIF_32 XGIF_31 XGIF_30
W
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
XGIF
R
XGIF_2F XGIF_2E XGIF_2D XGIF_2C XGIF_2B XGIF_2A XGIF_29 XGIF_28 XGF _27 XGIF_26 XGIF_25 XGIF_24 XGIF_23 XGIF_22 XGIF_21 XGIF_20
W
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
XGIF
R
XGIF_1F XGIF_1E XGIF_1D XGIF_1C XGIF_1B XGIF_1A XGIF_19 XGIF_18 XGF _17 XGIF_16 XGIF_15 XGIF_14 XGIF_13 XGIF_12 XGIF_11 XGIF_10
W
15
14
13
12
11
10
9876543210
XGIF
R
XGIF_0F XGIF_0E XGIF_0D XGIF_0C XGIF_0B XGIF_0A XGIF_09
0
0
0
0
0
0
0
0
0
W
= Unimplemented or Reserved
Figure 6-2. XGATE Register Summary (Sheet 2 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com