Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDC Datasheet(PDF) 10 Page - MUSIC Semiconductors

Part # MU9C8328A-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDC Datasheet(HTML) 10 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 14Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
10
Step
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
A(2–0)
0H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
5H
7H
5H
5H
5H
5H
5H
5H
5H
7H
7H
7H
7H
5H
5H
5H
5H
0H
/WE
L
H
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
Mnemonic
TCO_DS
TCO_CT
TCO_PA
SFF
TCO_PA
SFF
TCO_CT
SBR
TCO_CT
TCO_SC
SPD_MR1
SPD_CR
SFR
TCO_CT
SPD_MR1
TCO_SC
SPD_CR
TCO_SC
SPS_HM
D(15–0)
C000H
0000H
0228H
FFFFH
0200H
0000H
0208H
0000H
0700H
0208H
0001H
0700H
0200H
0000H
0619H
0200H
8111H
0210H
0000H
0108H
FFF0H
0100H
0618H
0200H
8041H
0108H
0210H
1C04H
FFF0H
FFFFH
FFFFH
FFFFH
0100H
0210H
3808H
0005H
290BH
Comments
Pass all frames during initialization
Command Read to reset LANCAM state machines
Selects all Device Select registers
Selects all LANCAMs
Selects all Control registers
Resets all memory locations
Selects first Page Address register
Writes first Page Address value
Sets Full flag on first LANCAM
Selects second Page Address register
Writes second Page Address value
Sets Full flag on second LANCAM
Selects all Control registers
Resets all Full flags
Select Background Register set
TCO CT
48RAM, 16CAM, MR1, Enhanced mode
Select Segment Control register
Set Read and Write to segment 0
Set Persistent Destination to Mask Register 1
Setup Time Stamp in lowest 8 bits of segment 0
Set Persistent Destination to Comparand register
Select Foreground Register set
Select Command register
48CAM, 16RAM, No Mask, Enhanced mode
Set Persistent Destination to Mask Register 1
Select Segment Control register
Set to write Segments 0, 1, 2, and 3
Write to Segment 0 of MR1
Write to Segment 1 of MR1
Write to Segment 2 of MR1
Write to Segment 3 of MR1
Set Persistent Destination to Comparand register
Select Segment Control register
Write Segments 1–3, Read Segment 0
Set Persistent source to Highest match
Enable filter, Negative filter on DA, enable learn
Table 3: LANCAM Initialization Code
the Persistent destination to the Comparand register as
shown in Table 3. If only one LANCAM is used, Table 3
would be modified to replace steps 9 through 14 with a
TCO DS (0228H) followed by a 0000H.
Enabling Network Activity
After the LANCAMs have been initialized, the MU9C8328A
is enabled to begin processing network traffic by setting
bit 13 (NETEN) in its Control register to a 1 along with the
desired filtering actions and interrupt enables.
Responding to Interrupts
Depending on the filtering or error interrupt conditions set
in the MU9C8328A Control register, the /INT line will assert
at the end of the frame SA field. The host can then read the
MU9C8328A Status register to determine the cause of the
interrupt, whereupon the Status register is reset. If there
was a DA match interrupt and read associated data was
set, then the associated data segment stored in the
LANCAM at the same location that matched the frame’s
DA can be read out of the Associated Data register (03H).
APPLICATIONS
Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com