Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDC Datasheet(PDF) 13 Page - MUSIC Semiconductors

Part # MU9C8328A-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDC Datasheet(HTML) 13 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 14Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 15Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 16Page - MUSIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
13
Processor Interface Write Cycle
Clock Timing
NOTES
1.
-1.0 Volts for a duration of 10 ns measured at the 50% amplitude points for input-only lines (Figure 7).
2.
If this timing parameter is violated, the read or write cycle will start one SYSCLK later (assuming /AS or /CS is held).
3.
Before first network data pulse.
4.
From the SYSCLK that strobed the last DA or SA segment into the LANCAM.
5.
LANCAM Controls include /W, /CM, and /EC.
6.
See the LANCAM Handbook for additional information on LANCAM Timing Specs.
7.
With load specified in Figure 5.
8.
With load specified in Figure 6.
9.
Pin A(3)
SYSCLK
SERCLK
1
2
3
45
7
6
8
SYSCLK
/CS
/AS
A(2-0)
/WE
D(15-0)
READY
9
9
12
13
14
17
18
19
20
16
10
10
11
11
15
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com