Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDC Datasheet(PDF) 11 Page - MUSIC Semiconductors

Part # MU9C8328A-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDC Datasheet(HTML) 11 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 14Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 15Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
11
ABSOLUTE MAXIMUM RATINGS
AC TEST CONDITIONS
Supply Voltage
Voltage on all Other Pins
Temperature Under Bias
Storage Temperature
DC Output Current
-0.5 Volts to 7.0 Volts
-0.5 to VCC+0.5 Volts (-2.0 Volts for
10 ns, measured at the 50% point)
-55°C to +125°C
-55°C to +125°C
20 mA (per Output, one at a time, one
second duration)
Stresses exceeding those listed under Absolute
Maximum Ratings may induce failure. Exposure
to absolute maximum ratings for extended periods
may reduce reliability. Functionality at or above
these conditions is not implied.
All voltages are referenced to GND.
Parameter
Max
Notes
Symbol
Units
COUT
CIN
Input Capacitance
Output Capacitance
15
15
pF
pF
f=1MHz, VIN = 0 V.
f=1MHz, VOUT = 0 V.
SWITCHING TEST FIGURES
ELECTRICAL CHARACTERISTICS
CAPACITANCE
Input Signal Transitions
Input Signal Rise Time
Input Signal Fall Time
Input Timing Reference Level
Output Timing Reference Level
0.0 to 3.0 Volts
< 3 ns
< 3 ns
1.5 Volts
1.5 Volts
5.0 V olts
R1 = 44 6
R2 = 17 4
C1 = 30 pf
(Incl udes jig)
To Dev ice
Under Test
Figure 5: AC Test Load A
Figure 6: AC Test Load B
Figure 7: Input Signal Waveform
5.0 V olts
R1 = 44 6
R2 = 17 4
C1 = 5 pf
To Dev ice
Und er Test
Input
Waveform
50% Amplitude
Point
10ns
V IL (MIN)
0V
OPERATING CONDITIONS (voltages referenced to GND at the device pin)
Symbol
Parameter
Min
Typical
Max
Units
Notes
ICC
Average Power Supply Current
200
mA
tELEL = tELEL(min)
VOH
Output Voltage Logic 1
2.4
Volts
IOH = -8.0mA
VOL
Output Voltage Logic 0
0.4
Volts
IOL = 8.0mA
IIZ
Input Leakage Current
-2
2
µΑ
VSS
VIN VCC
20
100
250
µΑ
VIH = VDD; 9
IOZ
Output Leakage Current
-10
10
µΑ
VSS
VOUT VCC;
DQN = HIGH Z
Input Voltage Logic 1
2.0
0.7 VCC
Volts
VCC + 0.5
Parameter
Min
Typical
Units
Notes
Symbol
Max
Operating Supply Voltage
4.5
5.0
Volts
VCC
5.5
VIH
°C
°C
0
Input Voltage Logic 0
Ambient Operating Commercial
Temperature
Industrial
-0.5
-0.5
Volts
Volts
1
1D(15-0) and DQ(15-0) only
Still Air
VIL
TA
0.8
0.3 VCC
D(15-0) and DQ(15-0) only
VCC + 0.5
Volts
70
+85
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com