Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDC Datasheet(PDF) 6 Page - MUSIC Semiconductors

Part # MU9C8328A-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDC Datasheet(HTML) 6 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDC Datasheet HTML 2Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 3Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 10Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
6
FUNCTIONAL DESCRIPTION
Continued
Table 1: Address Decode
Figure 1: Typical Network Filtering
A(3–0)
/WE
Resource Selected
Action
0H
L
Control register
Write
0H
H
Control register
Read
1H
L
Reserved
1H
H
Status Register
Read
2H
L
Learn Op-Code Register
Write
2H
H
Learn Op-Code Register
Read
3H
L
Reserved
3H
H
Associated Data Register
Read
4H
L
LANCAM Command Cycle with /EC LOW
Write
4H
H
LANCAM Command Cycle with /EC LOW
Read
5H
L
LANCAM Command Cycle with /EC HIGH
Write
5H
H
LANCAM Command Cycle with /EC HIGH
Read
6H
L
LANCAM Data Cycle with /EC LOW
Write
6H
H
LANCAM Data Cycle with /EC LOW
Read
7H
L
LANCAM Data Cycle with /EC HIGH
Write
7H
H
LANCAM Data Cycle with /EC HIGH
Read
8H
L
Update Op-Code Register
Write
8H
H
Update Op-Code Register
Read
9H
L
Purge Op-Code Register
Write
9H
H
Purge Op-Code Register
Read
AH
L
Time stamp Register
Write
AH
H
Time stamp Register
Read
Preamble
SFD
DA1
SA2
Data
Length/Type
SERDAT
DA2
DA3
SA1
SA3
/E
/W
/CM
/EC
/MF
/REJECT
/INT
DA Match Found
SA No-Match/Learn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com