Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDC Datasheet(PDF) 16 Page - MUSIC Semiconductors

Part # MU9C8328A-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDC Datasheet(HTML) 16 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 14Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 15Page - MUSIC Semiconductors MU9C8328A-RDC Datasheet HTML 16Page - MUSIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
16
ORDERING INFORMATION
PART NUMBER
MU9C8328A - RDC
MU9C8328A - RDI
PACKAGE
100-PIN PQFP
100-PIN PQFP
TEMPERATURE
0–70° C
-40– 85° C
VOLTAGE
5.0 ± 0.5
5.0 ± 0.5
Package Outline
100-pin
PQFP
3.40
Max
Dim. A
Dim. A1
Dim. A2
Dim. b
Dim. D
Dim. D1
Dim. a
Dim. E
Dim. E1
Dim. L
Dim. L1
0.00
0.35
2.80
±0.25
0.22
0.38
23.2
±0.2
20.0
±0.2
0.65
Typ.
17.2
±0.2
14.0
±0.2
0.80
±0.15
1.60
Ref.
Dimensions are in mm.
1
D
D1
e
b
L1
L
E1
E
A
A2
A1
MUSIC Semiconductors reserves the right to make changes to
its products and specifications at any time in order to improve
on performance, manufacturability, or reliability. Information
furnished by MUSIC is believed to be accurate, but no
responsibility is assumed by MUSIC Semiconductors for the use
of said information, nor for any infringement of patents or of
other third party rights which may result from said use. No
license is granted by implication or otherwise under any patent
or patent rights of any MUSIC company.
©Copyright 1999, MUSIC Semiconductors
MUSIC Semiconductors Agent or Distributor:
http://www.music-ic.com
email: info@music-ic.com
Worldwide Sales Headquarters
MUSIC Semiconductors, Inc.
4633 Old Ironsides Drive • Suite #130
Santa Clara, California 95054 USA
Tel: 408-330-7550
Fax: 408-330-7559
USA Only: 800/933-1550 Tech Support
888/226-6874 Product Info.
Asian Sales Office
MUSIC Semiconductors
Special Export Processing Zone 1
Carmelray Industrial Park
Canlubang, Calamba, Laguna
Philippines
Tel: +63 49 549 1480
Fax: +63 49 549 1024
Sales Tel/Fax: +632 723 62 15
European Sales Office
MUSIC Semiconductors
P.O. Box 184
6470 ED Eygelshoven
The Netherlands
Tel: +31 45 546 2177
Fax: +31 45 546 3663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com