Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101AT Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW81101AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101AT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW81101AT Datasheet HTML 6Page - STMicroelectronics STW81101AT Datasheet HTML 7Page - STMicroelectronics STW81101AT Datasheet HTML 8Page - STMicroelectronics STW81101AT Datasheet HTML 9Page - STMicroelectronics STW81101AT Datasheet HTML 10Page - STMicroelectronics STW81101AT Datasheet HTML 11Page - STMicroelectronics STW81101AT Datasheet HTML 12Page - STMicroelectronics STW81101AT Datasheet HTML 13Page - STMicroelectronics STW81101AT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Electrical specifications
STW81101
10/48
2.4
Electrical specifications
All the electrical specifications are intended at 3.3V supply voltage.
Table 5.
Electrical specifications
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Output frequency range
FOUTA
Output frequency range with
VCOA
Direct output
3300
3900
MHz
Divider by 2
1650
1950
MHz
Divider by 4
825
975
MHz
FOUTB
Output frequency range with
VCOB
Direct output
3800
4400
MHz
Divider by 2
1900
2200
MHz
Divider by 4
950
1100
MHz
VCO dividers
N
VCO divider ratio
Prescaler 16/17
256
65551
Prescaler 19/20
361
77836
Reference clock and phase frequency detector
Fref
Reference input frequency
10
200
MHz
Reference input sensitivity(1)
0.35
1
1.5
Vpeak
R
Reference divider ratio
2
1023
FPFD
PFD input frequency
16
MHz
FSTEP
Frequency step(2)
Prescaler 16/17
FOUT/
65551
FOUT/
256
Hz
Prescaler 19/20
FOUT/
77836
FOUT/
361
Hz
Charge pump
ICP
ICP sink/source(3)
3bit programmable
5
mA
VOCP
Output voltage compliance
range
0.4
Vdd-0.3
V
Spurious(4)
Direct output (FPFD = 200kHz)
-75
dBc
Divider by 2 (FPFD = 400kHz)
-84
dBc
Divider by 4 (FPFD = 800kHz)
-92
dBc
VCOs
KVCOA
VCOA sensitivity(5)
Lower frequency range
40
65
80
MHz/V
Intermediate frequency range
60
80
100
MHz/V
Higher frequency range
70
95
125
MHz/V
KVCOB
VCOB sensitivity(5)
Lower frequency range
35
60
80
MHz/V
Intermediate frequency range
55
70
100
MHz/V
Higher frequency range
60
80
120
MHz/V
VCO A pushing(5)
610
MHz/V
VCO B pushing(5)
11
16
MHz/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com