Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101AT Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW81101AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101AT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW81101AT Datasheet HTML 35Page - STMicroelectronics STW81101AT Datasheet HTML 36Page - STMicroelectronics STW81101AT Datasheet HTML 37Page - STMicroelectronics STW81101AT Datasheet HTML 38Page - STMicroelectronics STW81101AT Datasheet HTML 39Page - STMicroelectronics STW81101AT Datasheet HTML 40Page - STMicroelectronics STW81101AT Datasheet HTML 41Page - STMicroelectronics STW81101AT Datasheet HTML 42Page - STMicroelectronics STW81101AT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
STW81101
Application information
39/48
Alternatively, you can combine the two outputs in other ways. A first topology for the direct
output (3.3GHz to 4.4GHz) is suggested in
Figure 29. It basically consists of a simple LC
balun and a matching network to adapt the output to a 50
Ω load. The two LC networks shift
output signal phase of -90° and +90°, thus combining the two outputs. This topology,
designed for a center frequency of 4GHz, is intrinsically narrow-band since the LC balun is
tuned at a single frequency. If the application requires a different sub-band, the LC combiner
can be easily tuned to the frequency of interest.
Figure 29.
LC lumped balun and matching network (MATCH_LC_LUMP_4G.dsn)
The 1.9nH shunt inductor works as a DC feed for one of the open collector terminals as well
as a matching element along with the other components. The 1.9nH series inductors are
used to resonate the parasitic capacitance of the chip.
For optimum output matching, it is recommended to use 0402 Murata or AVX capacitors and
0403 or 0604 HQ Coilcraft inductors. It is also advisable to use short interconnection paths
to minimize losses and undesired impedance shift.
An alternative topology that permits a more broadband matching as well as balanced to
unbalanced conversion, is shown in
Figure 30.
RF
50 ohm
50 ohm
50 ohm
1.9nH
1.9nH
0.8pF
0.8pF
1.9nH
1.9nH
0.8pF
0.8pF
2.5pF
Vcc
Vcc
OUTP
RF
OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com