Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101AT Datasheet(PDF) 34 Page - STMicroelectronics

Part # STW81101AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101AT Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STW81101AT Datasheet HTML 30Page - STMicroelectronics STW81101AT Datasheet HTML 31Page - STMicroelectronics STW81101AT Datasheet HTML 32Page - STMicroelectronics STW81101AT Datasheet HTML 33Page - STMicroelectronics STW81101AT Datasheet HTML 34Page - STMicroelectronics STW81101AT Datasheet HTML 35Page - STMicroelectronics STW81101AT Datasheet HTML 36Page - STMicroelectronics STW81101AT Datasheet HTML 37Page - STMicroelectronics STW81101AT Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
SPI digital interface
STW81101
34/48
7.2
Timing specification
Figure 27.
SPI timing specification
Table 18.
SPI data structure (MSB is sent first)
MSB
LSB
Address
Data for register (24 bits)
A1
A0 D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Table 19.
Address decoder and outputs
Address
Outputs
A1
A0
Data bits
D23-D0
No
Name
Function
00
24
0
ST1
Reference divider, VCO amplitude, VCO calibration,
charge pump current, prescaler modulus
0
1
24
1
ST2
Functional modes, VCO dividers
10
24
2
ST3
Reserved
11
24
3
ST4
Reserved
Table 20.
SPI timing specification
Parameter
Description
Min.
Typ.
Max.
Unit
tsetup
Data to clock setup time
0.8
ns
thold
Data to clock hold time
0.2
ns
tclk
Clock cycle period
10
ns
tload
Load pulse width
3
ns
tclk_loadr
Clock to load rising edge
2
ns
tclk_loadf
Clock to load falling edge
0.5
ns
Data
MSBMSB-1
LSB
tsetup
tdk
clk_loadr
tload
t
t
thold
Clock
Load
clk_loadf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com