Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101AT Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW81101AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101AT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW81101AT Datasheet HTML 17Page - STMicroelectronics STW81101AT Datasheet HTML 18Page - STMicroelectronics STW81101AT Datasheet HTML 19Page - STMicroelectronics STW81101AT Datasheet HTML 20Page - STMicroelectronics STW81101AT Datasheet HTML 21Page - STMicroelectronics STW81101AT Datasheet HTML 22Page - STMicroelectronics STW81101AT Datasheet HTML 23Page - STMicroelectronics STW81101AT Datasheet HTML 24Page - STMicroelectronics STW81101AT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
STW81101
Circuit description
21/48
Note:
The current is output on pin ICP. During VCO auto calibration, the ICP and VCTRL pins are
forced to VDD/2
Figure 18.
Loop filter connection
Table 7.
Current value vs. selection
CPSEL2
CPSEL1
CPSEL0
Current
Value for REXT=4.7 K
Ω
00
0
IMIN
0.5 mA
00
1
2*IMIN
1.0 mA
01
0
3*IMIN
1.5 mA
01
1
4*IMIN
2.0 mA
10
0
5*IMIN
2.5 mA
10
1
6*IMIN
3.0 mA
11
0
7*IMIN
3.5 mA
11
1
8*IMIN
4.0 mA
Charge
Pump
VDD
BUF
VCTRL
R3
C2
C1
Cal bit
BUF
C3
ICP
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com