Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101AT Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW81101AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101AT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW81101AT Datasheet HTML 15Page - STMicroelectronics STW81101AT Datasheet HTML 16Page - STMicroelectronics STW81101AT Datasheet HTML 17Page - STMicroelectronics STW81101AT Datasheet HTML 18Page - STMicroelectronics STW81101AT Datasheet HTML 19Page - STMicroelectronics STW81101AT Datasheet HTML 20Page - STMicroelectronics STW81101AT Datasheet HTML 21Page - STMicroelectronics STW81101AT Datasheet HTML 22Page - STMicroelectronics STW81101AT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
STW81101
Circuit description
19/48
5.4
A and B counters
The 5-bit A-counter and 12-bit B-counter, in conjunction with the selected dual modulus
(16/17 or 19/20) prescaler, make it possible to generate output frequencies which are
spaced only by the reference frequency divided by the reference division ratio. Thus, the
division ratio and the VCO output frequency are given by these formulas:
where:
FVCO: output frequency of VCO
P: modulus of dual modulus prescaler (16 or 19 selected through the digital interface)
B: division ratio of the main counter
A: division ratio of the swallow counter
Fref: input reference frequency
R: division ratio of reference counter
N: division ratio of PLL
For a correct working of the VCO divider, B must be strictly higher than A. A can take any
value ranging from 0 to 31. The range of N can vary from 256 to 65551 (P=16) or from 361
to 77836 (P=19).
Figure 16.
VCO divider diagram
NB
P
A
+
×
=
F
VCO
BP
A
) F
ref
×
+
×
(
R
------------------------------------------------
=
PC00403
5-bit
12-bit
To PFD
modulus
VCOBUF+
VCOBUF-
Prescaler
16/17 or 19/20
B-counter
A-counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com