Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4239 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4239 Datasheet HTML 1Page - Cirrus Logic CS4239 Datasheet HTML 2Page - Cirrus Logic CS4239 Datasheet HTML 3Page - Cirrus Logic CS4239 Datasheet HTML 4Page - Cirrus Logic CS4239 Datasheet HTML 5Page - Cirrus Logic CS4239 Datasheet HTML 6Page - Cirrus Logic CS4239 Datasheet HTML 7Page - Cirrus Logic CS4239 Datasheet HTML 8Page - Cirrus Logic CS4239 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
TABLE OF CONTENTS
CS4239 PERFORMANCE SPECIFICATIONS ... 3
GENERAL DESCRIPTION ................................. 13
ISA Bus Interface............................................. 14
PLUG AND PLAY ............................................... 16
PnP Data ......................................................... 17
Loading Resource Data................................... 17
Loading Firmware Patch Data......................... 19
The Crystal Key ............................................... 19
Bypassing Plug and Play................................. 20
Crystal Key 2 ................................................... 21
Hardware Configuration Data .......................... 21
Hostload Procedure ......................................... 25
External E
2PROM............................................ 26
WINDOWS SOUND SYSTEM CODEC .............. 27
Enhanced Functions (MODEs) ........................ 28
FIFOs ............................................................... 28
WSS Codec PIO Register Interface ................ 28
DMA Interface.................................................. 29
Sound System Codec Register Interface ........ 30
Direct Mapped Registers (R0-R3) ............... 31
Indirect Mapped Registers (I0-I31) .............. 33
WSS Extended Registers (X0-X31) ............ 45
SOUND BLASTER INTERFACE........................ 54
Mode Switching ............................................... 54
Sound Blaster Direct Register Interface.......... 54
Sound Blaster Mixer Registers ........................ 55
GAME PORT INTERFACE ................................. 56
CONTROL INTERFACE ..................................... 58
Control Register Interface................................ 58
Control Indirect Registers (C0-C9) .................. 60
MPU-401 INTERFACE ........................................ 63
MPU-401 Register Interface ............................ 63
MIDI UART ...................................................... 64
MPU-401 "UART" Mode Operation ................. 64
FM SYNTHESIZER ............................................. 64
CDROM INTERFACE ......................................... 65
CS4610 DSP SERIAL DATA PORT .................. 65
CS9236 WAVETABLE SERIAL DATA PORT ... 67
ZVPORT SERIAL DATA PORT ......................... 68
WSS CODEC SOFTWARE DESCRIPTION .......68
Calibration ........................................................69
Changing Sampling Rate .................................70
Changing Audio Data Formats.........................70
Audio Data Formats .........................................70
DMA Registers .................................................71
WSS Codec Interrupt .......................................73
Error Conditions ...............................................73
DIGITAL HARDWARE DESCRIPTION...............73
Bus Interface ....................................................74
Volume Control Interface .................................74
Crystal/Clock ....................................................74
General Purpose Output Pins ..........................75
Reset and Power Down ...................................75
Address Port Configuration ..............................75
Multiplexed Pin Configuration...........................75
ANALOG HARDWARE DESCRIPTION .............76
Line-Level Inputs Plus MPC Mixer...................76
Microphone Level Input ....................................77
Mono Input .......................................................77
Line-Level Outputs ...........................................77
Miscellaneous Analog Signals..........................77
GROUNDING AND LAYOUT ..............................77
POWER SUPPLIES.............................................78
ADC/DAC FILTER RESPONSE..........................80
PIN DESCRIPTIONS ...........................................82
ISA Bus Interface Pins .....................................83
Analog Inputs ...................................................84
Analog Outputs.................................................85
MIDI Interface...................................................86
External Peripheral Signals ..............................86
CS4610 DSP Serial Port Interface...................87
CS9236 Wavetable Serial Port Interface .........88
ZVPORT Serial Port Interface..........................88
CDROM Interface.............................................89
Volume Control.................................................90
Miscellaneous ...................................................90
Power Supplies ................................................91
PARAMETER DEFINITIONS...............................92
PACKAGE PARAMETERS .................................93
APPENDIX A: DEFAULT PnP DATA.................94
APPENDIX B: CS4239 DIFFERENCES .............96
CrystalClear Portable ISA Audio System
TM
CS4239
2
DS253PP2
Windows and Windows Sound System are registered trademarks of Microsoft Corporation.
Sound Blaster and Sound Blaster Pro are trademarks of Creative Labs.
Adlib is a registered trademark of Adlib Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com