Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4239 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 41Page - Cirrus Logic CS4239 Datasheet HTML 42Page - Cirrus Logic CS4239 Datasheet HTML 43Page - Cirrus Logic CS4239 Datasheet HTML 44Page - Cirrus Logic CS4239 Datasheet HTML 45Page - Cirrus Logic CS4239 Datasheet HTML 46Page - Cirrus Logic CS4239 Datasheet HTML 47Page - Cirrus Logic CS4239 Datasheet HTML 48Page - Cirrus Logic CS4239 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
WSS EXTENDED REGISTERS
The Windows Sound System codec contains
three sets of registers: R0-R3, I0-I31, and X0-
X31. R0-R3 are directly mapped to the ISA bus
through WSSbase+0 through WSSbase+3 re-
spectively. R0 and R1 provide access to the
indirect registers I0-I31. The third set of registers
are extended registers X0-X31 that are indirectly
mapped through the WSS register I23. I23 acts
as both the extended address and extended data
register. These extended registers are only avail-
able when in MODE 3.
Accessing the X registers requires writing the
register address to I23 with XRAE set. When
XRAE is set, I23 changes from an address regis-
ter to a data register. Subsequent accesses to I23
access the extended data register. To convert I23
back to the extended address register, R0 must
be written which internally clears XRAE. As-
suming the part is in MODE 3, the following
steps access the X registers:
1. Write 17h to R0 (to access I23).
R1 is now the extended address register.
2. Write the desired X register address to R1
with XRAE = 1.
R1 is now the extended data register.
3. Write/Read X register data from R1.
To read/write a different X register:
4. Write 17h to R0 again. (resets XRAE)
R1 is now the extended address register.
5. Write the new X register address to R1
with XRAE = 1.
R1 is now the new extended data register.
6. Read/Write new X register data from R1.
Address
Reg.
Register Name
WSSbase+0
R0
Reset Address
WSSbase+1
R1
Address/Data access
I23
Indexed Address/Data
Extended Register Access (I23)
D7
D6
D5
D4
D3
D2
D1
D0
XA3
XA2
XA1
XA0
XRAE
XA4
res
rbc
Table 11. WSS Extended Register Control
Index
Register Name
X0
Reserved, backwards compatible
X1
Reserved, backwards compatible
X2
MIC Volume
X3
MIC Volume (same as X2)
X4
Synthesis and Input Mixer Control
X5
Right Input Mixer Control
X6
Left FM Synthesis Mute
X7
Right FM Synthesis Mute
X8
Left DSP Serial Port Mute
X9
Right DSP Serial Port Mute
X10
Reserved, backwards compatible
X11
DAC1 Mute and IFSE Enable
X12
Independent ADC Sample Freq.
X13
Independent DAC Sample Freq.
X14
Reserved, backwards compatible
X15
Reserved, backwards compatible
X16
Left Wavetable Serial Port Mute
X17
Right Wavetable Serial Port Mute
X18
3D Enable & RAM Port Enable
X19
FM Volume Scaling
X20
Reserved
X21
Reserved
X22
Reserved
X23
(C2) 3D Space Control
X24
(C8) Wavetable & Volume Control
X25
Chip Version and ID
X26
(Cb+0) Joystick Control
X27
(Cb+1) E
2PROM Interface
X28
(Cb+2) Power Down Control 1
X29
(C9) Power Down Control 2
X30
(Cb+7) Global Status
X31
Reserved
Table 12. WSS Extended Registers
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com