Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4239 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 17Page - Cirrus Logic CS4239 Datasheet HTML 18Page - Cirrus Logic CS4239 Datasheet HTML 19Page - Cirrus Logic CS4239 Datasheet HTML 20Page - Cirrus Logic CS4239 Datasheet HTML 21Page - Cirrus Logic CS4239 Datasheet HTML 22Page - Cirrus Logic CS4239 Datasheet HTML 23Page - Cirrus Logic CS4239 Datasheet HTML 24Page - Cirrus Logic CS4239 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
015h, 002h
; LOGICAL DEVICE 2
047h, 001h, 020h ; CTRLbase = 0x120
033h, 001h
; activate logical device 2
015h, 003h
; LOGICAL DEVICE 3
047h, 003h, 030h ; MPUbase=0x330
022h, 009h
; MPU IRQ = 9
033h, 001h
; activate logical device 3
079h
; activate CS4239 device
If all the above data is sent, after the Crystal key,
all devices except the CDROM will respond to
the appropriate resources given.
Crystal Key 2
A new feature of this part is the addition of an-
other way to bypass the PnP interface using a
new key, designated Crystal Key 2 (CK2). This
new key is designed for Codecs on the mother-
board that are hidden from normal PnP. The
following 32 bytes, in hex, are Crystal Key 2
followed by the upper 8 bits of the Read Data
port (RDP):
95, B1, D8, 6C, 36, 9B, 4D, A6,
D3, 69, B4, 5A, AD, D6, EB, 75,
BA, DD, EE, F7, 7B, 3D, 9E, CF,
67, 33, 19, 8C, 46, A3, 51, A8, <RDP>
This key differs greatly from the original Crystal
Key in that the 33rd byte defines the upper 8 bits
of the 10-bit Read Data port address, with the
lower 2 bits equal to 11. As an example, if the
RDP byte is 0x82, then the actual Read Data
port is 0x20B. Another difference is that the
original Crystal Key uses custom commands and
is write-only; whereas, CK2 places the part in a
PnP Configuration state and uses standard PnP
commands to access PnP configuration registers.
Since CK2 is unique to the CS4239, the PnP iso-
lation sequence is bypassed.
CK2 differs from normal PnP in that the RDP is
read/write instead of read-only. In PnP the RDP
is read-only and a second address, designated the
Write Data Port (0xA79), is used to write data
into PnP registers. Using CK2, all configuration
is done through the RDP, there is no Write Data
Port. When finished, a Wait-for-Key command
should be issued to the Address Port which
places the part back in the normal mode of op-
eration. Note that the Address Port (AP) can also
be moved away from the normal PnP location of
0x279. See the Address Port Configuration sec-
tion for more information.
The CK2 configuration sequence is as follows:
1. CK2 32 bytes are sent to the Address Port fol-
lowed by the upper 8 bits of the RDP.
2. The AP and RDP are used to read/write con-
figuration information in normal PnP fashion.
6. A Wait-for-Key command is sent removing
the part from the configuration state.
The particluar PnP register is set using the Ad-
dress Port and the data for that register is
read/written to/from the RDP. As an example,
when finished configuring the part, to send the
Wait-for-Key command, a 0x02 is sent to the AP
(selecting the Config. Control register) and a
0x02 is sent to the RDP. This causes the part to
exit the configuration state and enter normal op-
eration (Wait-for-Key).
Hardware Configuration Data
The Hardware Configuration data contains map-
ping information that links interrupt and DMA
pins with actual interrupt numbers used by PnP
and SLAM procedures. The Hardware Configu-
ration data precedes the PnP Resource data.
The Hardware Configuration data is either 19 or
23 bytes long and contains the data necessary to
configure the part. If an E
2PROM is not used
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com