Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4239 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4239 Datasheet HTML 1Page - Cirrus Logic CS4239 Datasheet HTML 2Page - Cirrus Logic CS4239 Datasheet HTML 3Page - Cirrus Logic CS4239 Datasheet HTML 4Page - Cirrus Logic CS4239 Datasheet HTML 5Page - Cirrus Logic CS4239 Datasheet HTML 6Page - Cirrus Logic CS4239 Datasheet HTML 7Page - Cirrus Logic CS4239 Datasheet HTML 8Page - Cirrus Logic CS4239 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
ANALOG CHARACTERISTICS
(TA = 25 °C; VA, VD1, VDF1-VDF3 = +5 V;
Input Levels: Logic 0 = 0 V, Logic 1 = VD1; 1 kHz Input Sine wave; Sample Frequency, Fs = 44.1 kHz;
Measurement Bandwidth is 20 Hz to 20 kHz, 16-bit linear coding.)
CS4239-JQ
CS4239-KQ
Parameter*
Symbol Min
Typ
Max
Min
Typ
Max
Units
Analog Input Characteristics (A-D-PC) - Volume set to 0 dB unless otherwise specified.
ADC1 Resolution
(Note 1)
16
-
-
16
-
-
Bits
ADC1 Differential Nonlinearity
(Note 1)
-
-
±0.5
--
±0.5
LSB
Frequency Response
Ac =
±1 dB
FR
-
-
-
20
-
19000
Hz
Dynamic Range
AUX1, AUX2
(Note 2) MIC
DR
-
-
-80
-75
-
-
-80
-72
-85
-79
-
-
dB FS A
dB FS A
Total Harmonic Distortion+Noise AUX1, AUX2
-3 dB FS input
(Note 2) MIC THD+N
-
-
-66
-66
-
-
-75
-72
-80
-80
-
-
dB FS A
dB FS A
Interchannel Isolation (Note 1):
Left to Right
10 kHz input
AUX1/2 to MIC
AUX1 to AUX2
-
-
-
-80
-80
-80
-
-
-
-70
-
-
-80
-80
-90
-
-
-
dB
dB
dB
Interchannel Gain Mismatch
AUX1, AUX2
MIC
-
-
-
-
±0.5
±0.5
-
-
-
-
±0.5
±0.5
dB
dB
ADC1 Offset Error
0 dB Gain
-
-
-
-
±10
±200
LSB
Full Scale Input Voltage:
(MGE/MBST=1) MIC
(MGE/MBST=0) MIC
AUX1, AUX2, MIN
0.25
2.5
2.5
0.28
2.8
2.8
-
-
-
0.25
2.5
2.5
0.28
2.8
2.8
-
-
-
Vpp
Vpp
Vpp
Gain Drift
-
±100
--
±100
-ppm/°C
Input Resistance (Note 1):
MIC
AUX1, AUX2, MIN
8
20
11
23
-
-
8
20
11
23
-
-
k
Ω
k
Ω
Input Capacitance
(Note 1)
-
-
15
-
-
15
pF
Notes:
1. This specification is guaranteed by characterization, no production testing.
2. MGE or MBST = 1 (see WSS Indirect Reg I0 or X2).
*Parameter definitions are given at the end of this data sheet.
Specifications are subject to change without notice.
CrystalClear Portable ISA Audio System
TM
CS4239
DS253PP2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com