Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4239 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 35Page - Cirrus Logic CS4239 Datasheet HTML 36Page - Cirrus Logic CS4239 Datasheet HTML 37Page - Cirrus Logic CS4239 Datasheet HTML 38Page - Cirrus Logic CS4239 Datasheet HTML 39Page - Cirrus Logic CS4239 Datasheet HTML 40Page - Cirrus Logic CS4239 Datasheet HTML 41Page - Cirrus Logic CS4239 Datasheet HTML 42Page - Cirrus Logic CS4239 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
XCTL1-XCTL0 XCTL Control: These bits are reflected
on the XCTL1,0 pins of the part.
NOTE: XCTL1 is multiplexed with
other functions; therefore, it may not
be available on a particular design.
0 - TTL logic low on XCTL1,0 pins
1 - TTL logic high on XCTL1,0 pins
Error Status and Initialization (I11, Read Only)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
COR
PUR
ACI
DRS
ORR1
ORR0
ORL1
ORL0
ORL1-ORL0
Overrange Left Detect: These bits
determine the overrange on the left
ADC channel. These bits are up-
dated on a sample by sample basis.
0 - Less than -1.5 dB
1 - Between -1.5 dB and 0 dB
2 - Between 0 dB and 1.5 dB
overrange
3 - Greater than 1.5 dB overrange
ORR1-ORR0
Overrange Right Detect: These bits
determine the overrange on the
Right ADC channel.
0 - Less than -1.5 dB
1 - Between -1.5 dB and 0 dB
2 - Between 0 dB and 1.5 dB
overrange
3 - Greater than 1.5 dB overrange
DRS
DRQ Status: This bit indicates the
current status of the DRQs assigned
to the WSS Codec.
0 - Capture AND Playback DRQs are
presently inactive
1 - Capture OR Playback DRQs are
presently active
ACI
Auto-calibrate In-Progress: This bit
indicates the state of calibration.
0 - Calibration not in progress
1 - Calibration is in progress
PUR
Playback underrun: This bit is set
when playback data has not arrived
from the host in time to be played.
As a result, if DACZ = 0, the last
valid sample will be sent to the
DACs. This bit is set when an error
occurs and will not clear until the
Status register (R2) is read.
COR
Capture overrun: This bit is set when
the capture data has not been read
by the host before the next sample
arrives. The old sample will not be
overwritten and the new sample will
be ignored. This bit is set when an
error condition occurs and will not
clear until the Status register (R2) is
read.
The SER bit in the Status register (R2) is simply
a logical OR of the COR and PUR bits. This
enables a polling host CPU to detect an error
condition while checking other status bits.
MODE and ID (I12)
Default = 100x1010
D7
D6
D5
D4
D3
D2
D1
D0
1
CMS1
CMS0
res
1010
res
Reserved. Must write 0. Could read
as 0 or 1.
CMS1,0
Codec Mode Select bits: Enables the
Extended registers and functions of
the part.
00 - MODE 1
01 - Reserved
10 - MODE 2
11 - MODE 3
Reserved (I13)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
rbc
rbc
rbc
rbc
rbc
rbc
res
rbc
rbc
Reserved, backwards compatible.
res
Reserved. Must write 0. Could read
as 0 or 1.
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com