Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004S Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 2Page - STMicroelectronics STE2004S Datasheet HTML 3Page - STMicroelectronics STE2004S Datasheet HTML 4Page - STMicroelectronics STE2004S Datasheet HTML 5Page - STMicroelectronics STE2004S Datasheet HTML 6Page - STMicroelectronics STE2004S Datasheet HTML 7Page - STMicroelectronics STE2004S Datasheet HTML 8Page - STMicroelectronics STE2004S Datasheet HTML 9Page - STMicroelectronics STE2004S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
Pin description
STE2004S
6/79
SCLK - SCL
181
I
SCLK - Serial and SPI interface clock - cannot be left floating
ISCL - I2C bus clock - cannot be left floating
SDA_OUT
178
O
I2C Bus data out - if unused must be left floating
SA0
149
I
I2C slave address BIT 0 - cannot be left floating
SA1
148
I
I2C slave address BIT 1- cannot be left floating
DB0 to DB7
182-189
I/O
Parallel interface 8 bit data bus - cannot be left floating
R/W - RD
175
I
R/W - 68000 Series Parallel interface read and write control input
- cannot be left floating
I
RD - 8080 Series Parallel interface read enable clock input
- cannot be left floating
E / WR
176
I
E - 68000 Series Parallel interface read and write clock input
- cannot be left floating
E / WR
176
I
WR - 8080 Series Parallel interface - write enable clock input
- cannot be left floating
RES
172
I
Reset input. Active Low.
D/C
174
I
Interface data/command selector- cannot be left floating
CS
173
I
Serial and Parallel interfaces ENABLE. When Low the incoming data are
clocked In. Cannot be left floating
TEST_MODE
191
I
Test Pad - 50 kohm internal pull-down must be connected to VSS/VSSAUX
TEST_VREF
146
O
Test Pad - must be left floating
OSCIN
144
I
Oscillator Input:
OSCOUT
210
O
Internal/external oscillator out - if unused must be left floating
FR_OUT
211
O
Master slave frame inversion synchronization - f unused must be left floating
FR_IN
143
I
Master slave frame inversion synchronization - cannot be left floating
M/S
100
I
Master/slave configuration bit:- cannot be left floating
Table 1. Pin description (continued)
N°
Pad
Type
Function
OSC_IN
Configuration
High
Internal oscillator enabled
Low
Internal oscillator disabled
External Oscillator
Internal oscillator disabled
M/S PIN
OSC_OUT
FR_OUT
FR_IN
Charge Pump
High
ENABLED
Enabled
Disabled
AuxVsense disabled
Low
ENABLED
Enabled
Enabled
Charge pump in slave
mode or ext power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com