Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004S Datasheet(PDF) 77 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 71Page - STMicroelectronics STE2004S Datasheet HTML 72Page - STMicroelectronics STE2004S Datasheet HTML 73Page - STMicroelectronics STE2004S Datasheet HTML 74Page - STMicroelectronics STE2004S Datasheet HTML 75Page - STMicroelectronics STE2004S Datasheet HTML 76Page - STMicroelectronics STE2004S Datasheet HTML 77Page - STMicroelectronics STE2004S Datasheet HTML 78Page - STMicroelectronics STE2004S Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
STE2004S
Pad coordinates
77/79
Figure 76.
Alignment marks dimensions
Table 31. Bumps
Dimensions
Bumps size
28
µmX97µmX17.5µm
Pad size
35
µm X 104µm
Pad pitch
45µm
Spacing between bumps
17
µm
Table 32. Die mechanical dimensions
Die Size (X x Y)
5.815mm x 1.333mm
Wafers thickness
500
µm
85
µm
35
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com