Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004S Datasheet(PDF) 33 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 29Page - STMicroelectronics STE2004S Datasheet HTML 30Page - STMicroelectronics STE2004S Datasheet HTML 31Page - STMicroelectronics STE2004S Datasheet HTML 32Page - STMicroelectronics STE2004S Datasheet HTML 33Page - STMicroelectronics STE2004S Datasheet HTML 34Page - STMicroelectronics STE2004S Datasheet HTML 35Page - STMicroelectronics STE2004S Datasheet HTML 36Page - STMicroelectronics STE2004S Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
STE2004S
Bus interfaces
33/79
Figure 32.
Acknowledgment on the I2C-bus
4.1.1
Communication protocol
The STE2004S is an I2C slave. The access to the device is bi-directional as data write and
status read are allowed.
The STE2004S has four device addresses. All have the first 5 bits (01111) in common. The
two least significant bit of the slave address are set by connecting the SA0 and SA1 inputs
to a logic 0 or logic 1.
To start the communication between the bus master and the slave LCD driver, the master
must initiate a START condition. Following this, the master sends an 8-bit byte, on the SDA
bus line (most significant bit first). This consists of the 7-bit device select code, and the 1-bit
read/write designator (R/W).
All slaves with the corresponding address acknowledge in parallel, while the rest ignore the
I2C-bus transfer.
Writing mode
When the R/W bit is set to logic 0, the STE2004S is set to be a receiver. After the slaves
acknowledge, one or more command word follows to define the status of the device.
A command word is composed of three bytes. The first is a control byte which defines the
Co and D/C values, the second and third are data bytes. The Co bit is the command MSB
and defines whether this command is followed by two data bytes and and another command
word, or if a stream of data follows (Co = 1 Command word, Co = 0 Stream of data). The
D/C bit defines whether the data byte is a command or RAM data (D/C = 1 RAM Data, D/C
= 0 Command).
If Co =1 and D/C = 0, the incoming data byte is decoded as a command, and if Co =1 and
D/C =1, the following data byte is stored in the data RAM at the location specified by the
data pointer.
Every byte of a command word must be acknowledged by all addressed units.
After the last control byte, if D/C is set to a logic 1, the incoming data bytes are stored inside
the STE2004S display RAM starting at the address specified by the data pointer. The data
pointer is automatically updated after every byte written and in the end points to the last
RAM location written.
Every byte must be acknowledged by all addressed units.
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
DATA OUTPUT
BY RECEIVER
SCLK FROM
MASTER
DATA OUTPUT
BY TRANSMITTER
LR0070
1
MSB
LSB
28
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com