Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004S Datasheet(PDF) 5 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 5 Page - STMicroelectronics

  STE2004S Datasheet HTML 1Page - STMicroelectronics STE2004S Datasheet HTML 2Page - STMicroelectronics STE2004S Datasheet HTML 3Page - STMicroelectronics STE2004S Datasheet HTML 4Page - STMicroelectronics STE2004S Datasheet HTML 5Page - STMicroelectronics STE2004S Datasheet HTML 6Page - STMicroelectronics STE2004S Datasheet HTML 7Page - STMicroelectronics STE2004S Datasheet HTML 8Page - STMicroelectronics STE2004S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
STE2004S
Pin description
5/79
2
Pin description
Table 1. Pin description
N°
Pad
Type
Function
R0 to R64
1-6
109-141
O
LCD row driver output
C0 to C101
6-107
O
LCD column driver output
VSS
192-203
GND
Ground pads.
VDD1
156-163
Supply IC positive power supply
VDD2
164-171
Supply Internal generator supply voltages.
VLCD
205-209
Supply Voltage multiplier output
VLCDSENSE
204
Supply
Voltage multiplier regulation input. VLCDOUT sensing for output voltage fine
tuning
VSENSE_SLAVE
145
Supply Voltage reference for slave charge pump
VSSAUX
190-177-147
O
Ground reference for pins configuration
VDD1AUX
142
O
VDD1 reference for pins configuration
SEL1,2,3
152
153
154
I
Interface mode selection - cannot be left floating
EXT_SET
151
I
Extended instruction set selection - cannot be left floating
ICON_MODE
155
I
Extended instruction set selection - cannot be left floating
SDOUT
180
O
Serial and SPI data output - if unused must be left floating
SDIN - SDAIN
179
I
SDIN - Serial and SPI interface data input - cannot be left floating
ISDAIN - I2C bus data in - cannot be left floating
SEL3
SEL2
SEL1
Interface
GND/VSSAUX GND/VSSAUX GND/VSSAUX
I2C
GND/VSSAUX GND/VSSAUX
VDD1
SPI 4-Lines 8 bit
GND/VSSAUX
VDD1
GND/VSSAUX
SPI 3-Lines 8 bit
GND/VSSAUX
VDD1
VDD1
Serial 3-Lines 9 bit
VDD1
GND/VSSAUX GND/VSSAUX
Parallel 8080-series
VDD1
GND/VSSAUX
VDD1
Parallel 68000-series
Ext pad config
Instruction set selected
GND or VSSAUX
BASIC
VDD1
EXTENDED
Icon mode pad config
Icon mode status
GND or VSSAUX
DISBLED
VDD1
ENABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com