Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004S Datasheet(PDF) 13 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 9Page - STMicroelectronics STE2004S Datasheet HTML 10Page - STMicroelectronics STE2004S Datasheet HTML 11Page - STMicroelectronics STE2004S Datasheet HTML 12Page - STMicroelectronics STE2004S Datasheet HTML 13Page - STMicroelectronics STE2004S Datasheet HTML 14Page - STMicroelectronics STE2004S Datasheet HTML 15Page - STMicroelectronics STE2004S Datasheet HTML 16Page - STMicroelectronics STE2004S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
STE2004S
Circuit description
13/79
3.7
Temperature coefficients
As the viscosity, and therefore the contrast, of the LCD are subject to change with
temperature, the LCD voltage must be varied with temperature. STE2004S provides eight
different temperature coefficients to change the VLCD in a linear fashion against
temperature. selectable through T2, T1 and T0 bits. Only four of the temperature coefficients
are available through the basic instruction set.
Figure 7.
Temperature coefficients
Finally, the VLCD voltage at a given (T) temperature can be calculated as:
VLCD(T) = VLCDo · [1 + (T-To) · TC]
Table 5. Temperature coefficients with basic instruction set
NAME
TC1
TC0
Value
Unit
TC0
0
0
-0.0· 10-3
1/ °C
TC2
0
1
-0.7 · 10-3
1/°C
TC3
1
0
-1.05· 10-3
1/°C
TC6
1
1
-2.1 · 10-3
1/°C
Table 6. Temperature coefficients
NAME
T2
T1
T0
Value
Unit
TC0
0
0
0
-0.0· 10-3
1/ °C
TC1
0
0
1
-0.35 · 10-3
1/°C
TC2
0
1
0
-0.7 · 10-3
1/°C
TC3
0
1
1
-1.05· 10-3
1/°C
TC4
1
0
0
-1.4 · 10-3
1/°C
TC5
1
0
1
-1.75· 10-3
1/°C
TC6
1
1
0
-2.1 · 10-3
1/°C
TC7
1
1
1
-2.3· 10-3
1/°C
00h 01h 02h 03h 04h 05h ….
7Fh 00h 01h 02h
7Ch 7Dh 7Eh
03h 04h
7Dh 7Eh 7Fh
05h ….
7Ch
A1
A1
B
A0 + B
PRS = [0;0]
PRS = [0;1]
VO
VLCD
00h 01h 02h 03h 04h
7Dh 7Eh 7Fh
05h
7Ch
PRS = [1;0]
….
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com