Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 5Page - STMicroelectronics TS488 Datasheet HTML 6Page - STMicroelectronics TS488 Datasheet HTML 7Page - STMicroelectronics TS488 Datasheet HTML 8Page - STMicroelectronics TS488 Datasheet HTML 9Page - STMicroelectronics TS488 Datasheet HTML 10Page - STMicroelectronics TS488 Datasheet HTML 11Page - STMicroelectronics TS488 Datasheet HTML 12Page - STMicroelectronics TS488 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TS488-TS489
Electrical characteristics
9/32
Figure 2.
Open-loop frequency response
Figure 3.
Open-loop frequency response
10
0
10
2
10
4
10
6
10
8
-75
-50
-25
0
25
50
75
100
125
-135
-90
-45
0
45
90
135
180
225
gain
phase
Vcc=2.5V
RL=16
Ω
T
AMB
=25°C
Frequency (Hz)
10
0
10
2
10
4
10
6
10
8
-75
-50
-25
0
25
50
75
100
125
-135
-90
-45
0
45
90
135
180
225
gain
phase
Vcc=5V
RL=16
Ω
T
AMB
=25°C
Frequency (Hz)
Figure 4.
Open-loop frequency response
Figure 5.
Open-loop frequency response
10
0
10
2
10
4
10
6
10
8
-75
-50
-25
0
25
50
75
100
125
-135
-90
-45
0
45
90
135
180
225
gain
phase
Vcc=2.5V
RL=16
Ω
CL=400pF
T
AMB
=25°C
Frequency (Hz)
10
0
10
2
10
4
10
6
10
8
-75
-50
-25
0
25
50
75
100
125
-135
-90
-45
0
45
90
135
180
225
gain
phase
Vcc=5V
RL=16
Ω
CL=400pF
T
AMB
=25°C
Frequency (Hz)
Figure 6.
Open-loop frequency response
Figure 7.
Open-loop frequency response
10
0
10
2
10
4
10
6
10
8
-75
-50
-25
0
25
50
75
100
125
-135
-90
-45
0
45
90
135
180
225
gain
phase
Vcc=2.5V
RL=32
Ω
T
AMB
=25°C
Frequency (Hz)
10
0
10
2
10
4
10
6
10
8
-75
-50
-25
0
25
50
75
100
125
-135
-90
-45
0
45
90
135
180
225
gain
phase
Vcc=5V
RL=32
Ω
T
AMB
=25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com