Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 1 Page - STMicroelectronics

  TS488 Datasheet HTML 1Page - STMicroelectronics TS488 Datasheet HTML 2Page - STMicroelectronics TS488 Datasheet HTML 3Page - STMicroelectronics TS488 Datasheet HTML 4Page - STMicroelectronics TS488 Datasheet HTML 5Page - STMicroelectronics TS488 Datasheet HTML 6Page - STMicroelectronics TS488 Datasheet HTML 7Page - STMicroelectronics TS488 Datasheet HTML 8Page - STMicroelectronics TS488 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
September 2006
Rev 4
1/32
32
TS488-TS489
Pop-free 120mW stereo headphone amplifier
Features
■ Pop and click noise protection circuitry
■ Operating range from VCC = 2.2V to 5.5V
■ Standby mode active low (TS488) or high (TS489)
■ Output power:
– 120mW @5V, into 16
Ω with 0.1% THD+N
max (1kHz)
– 55mW @3.3V, into 16
Ω with 0.1% THD+N
max (1kHz)
■ Low current consumption: 2.7mA max @5V
■ Ultra low standby current consumption: 10nA
typical
■ High signal-to-noise ratio
■ High crosstalk immunity: 102dB (F = 1kHz)
■ PSRR: 70dB typ. (F = 1kHz), inputs grounded
@5V
■ Unity-gain stable
■ Short-circuit protection circuitry
■ Available in lead-free MiniSO-8 & DFN8
2mm x 2mm
Description
The TS488/9 is an enhancement of TS486/7 that
eliminates pop and click noise and reduces the
number of external passive components.
The TS488/9 is a dual audio power amplifier
capable of driving, in single-ended mode, either a
16
Ω or a 32Ω stereo headset.
Capable of descending to low voltages, it delivers
up to 31mW per channel (into 16
Ω loads) of
continuous average power with 0.1% THD+N in
the audio bandwidth from a 2.5V power supply.
An externally-controlled standby mode reduces
the supply current to 10nA (typ.). The unity gain
stable TS488/9 is configured by external gain-
setting resistors.
Applications
■ Headphone amplifier
■ Mobile phone, PDA, computer motherboard
■ High-end TV, portable audio player
TS488IST - MiniSO-8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
TS488IQT - DFN8
TS489IQT - DFN8
TS489IST - MiniSO-8
8
Bypass
GND
Shutdown
Vcc
OUT (2)
OUT (1)
7
6
5
1
2
3
4
VIN (2)
VIN (1)
8
Bypass
GND
Shutdown
Vcc
OUT (2)
OUT (1)
7
6
5
1
2
3
4
VIN (2)
VIN (1)
8
8
Bypass
GND
Shutdown
Vcc
OUT (2)
OUT (1)
7
7
6
6
5
5
1
1
2
2
3
3
4
4
VIN (2)
VIN (1)
8
Bypass
GND
Shutdown
Vcc
OUT (2)
OUT (1)
7
6
5
1
2
3
4
VIN (2)
VIN (1)
8
8
Bypass
GND
Shutdown
Vcc
OUT (2)
OUT (1)
7
7
6
6
5
5
1
1
2
2
3
3
4
4
VIN (2)
VIN (1)
www.st.com


Similar Part No. - TS488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
783Kb / 32P
Pop-free 120 mW stereo headphone amplifier
06-May-2020
TS488IQT STMICROELECTRONICS-TS488IQT Datasheet
783Kb / 32P
Pop-free 120 mW stereo headphone amplifier
06-May-2020
TS488 STMICROELECTRONICS-TS488_V01 Datasheet
783Kb / 32P
Pop-free 120 mW stereo headphone amplifier
06-May-2020
More results

Similar Description - TS488

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863 Datasheet
578Kb / 14P
Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
logo
Jiaxing Heroic Technolo...
HT4832 HEROIC-HT4832 Datasheet
430Kb / 3P
33mW output-free capacitor stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com