Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 22Page - STMicroelectronics TS488 Datasheet HTML 23Page - STMicroelectronics TS488 Datasheet HTML 24Page - STMicroelectronics TS488 Datasheet HTML 25Page - STMicroelectronics TS488 Datasheet HTML 26Page - STMicroelectronics TS488 Datasheet HTML 27Page - STMicroelectronics TS488 Datasheet HTML 28Page - STMicroelectronics TS488 Datasheet HTML 29Page - STMicroelectronics TS488 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Application information
TS488-TS489
26/32
4.8
Wake-up time
When the standby is released to put the device ON, the bypass capacitor Cb is charged
immediately. As Cb is directly linked to the bias of the amplifier, the bias will not work
properly until the Cb voltage is correct. The time to reach this voltage plus a time delay of
20ms (pop precaution) is called the wake-up time or tWU; it is specified in the electrical
characteristics table with Cb = 1µF.
If Cb has a value other than 1µF, tWU can be calculated by applying the following formulas or
can be read directly from Figure 83.
Figure 83.
Typical wake-up time vs. bypass capacitance
Note:
It is assumed that the Cb voltage is equal to 0V. If the Cb voltage is not equal to 0V, the
wake-up time is shorter.
4.9
POP performance
Pop performance is closely related to the size of the input capacitor Cin. The size of Cin is
dependent on the lower cut-off frequency and PSRR values requested.
In order to reach low pop, Cin must be charged to VCC/2 in less than 20ms. To follow this
rule, the equivalent input constant time (RinCin) should be less then 6.7ms:
τ in = Rin xCin < 0.0067 (s)
Example calculation:
In the typical application schematic Rin is 20kΩ and Cin is 330nF. The lower cut-off frequency
(-3db attenuation) is given by the following formula:
t
WU
C
b
2.5
⋅
0.03125
----------------------
20
[ms;
μF ]
+
=
012
345
0
50
100
150
200
250
300
350
400
T
AMB
=25°C
Cb (
μF)
F
CL
1
2
π R
in
C
in
⋅⋅
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com