Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 13Page - STMicroelectronics TS488 Datasheet HTML 14Page - STMicroelectronics TS488 Datasheet HTML 15Page - STMicroelectronics TS488 Datasheet HTML 16Page - STMicroelectronics TS488 Datasheet HTML 17Page - STMicroelectronics TS488 Datasheet HTML 18Page - STMicroelectronics TS488 Datasheet HTML 19Page - STMicroelectronics TS488 Datasheet HTML 20Page - STMicroelectronics TS488 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TS488-TS489
Electrical characteristics
17/32
Figure 50.
Total harmonic distortion plus
noise vs. frequency
Figure 51.
Total harmonic distortion plus
noise vs. frequency
100
1k
10k
1E-3
0.01
0.1
1
Vcc=5V, Po=100mW
Vcc=3.3V, Po=40mW
20k
20
Vcc=2.5V, Po=20mW
R
L
=16
Ω, A
V
=-4
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
100
1k
10k
1E-3
0.01
0.1
1
Vcc=5V, Po=60mW
Vcc=3.3V, Po=25mW
20k
20
Vcc=2.5V, Po=12mW
R
L
=32
Ω, A
V
=-4
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
Figure 52.
Total harmonic distortion plus
noise vs. frequency
Figure 53.
Output power vs. load resistance
100
1k
10k
1E-3
0.01
0.1
1
Vcc=5V, Po=1.6V
RMS
Vcc=3.3V, Vo=1V
RMS
20k
20
Vcc=2.5V, Vo=0.7V
RMS
R
L
=600
Ω, A
V
=-4
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
8
16
24324048
56
64
0
25
50
75
THD+N=10%
Vcc=2.5V, F=1kHz
T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%
Figure 54.
Output power vs. load resistance
Figure 55.
Output power vs. load resistance
8
16
24324048
56
64
0
25
50
75
100
125
THD+N=10%
Vcc=3.3V, F=1kHz
T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%
8
16
24324048
56
64
0
50
100
150
200
250
THD+N=10%
Vcc=5V, F=1kHz
T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com