Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS488 Datasheet HTML 14Page - STMicroelectronics TS488 Datasheet HTML 15Page - STMicroelectronics TS488 Datasheet HTML 16Page - STMicroelectronics TS488 Datasheet HTML 17Page - STMicroelectronics TS488 Datasheet HTML 18Page - STMicroelectronics TS488 Datasheet HTML 19Page - STMicroelectronics TS488 Datasheet HTML 20Page - STMicroelectronics TS488 Datasheet HTML 21Page - STMicroelectronics TS488 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Electrical characteristics
TS488-TS489
18/32
Figure 56.
Output power vs. power supply
voltage
Figure 57.
Output power vs. power supply
voltage
23
45
6
0
40
80
120
160
200
240
THD+N=1%
R
L
=16
Ω , F=1kHz
T
AMB
=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
23
45
6
0
20
40
60
80
100
120
140
THD+N=1%
R
L
=32
Ω , F=1kHz
T
AMB
=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
Figure 58.
Output voltage swing vs. power
supply voltage
Figure 59.
Current consumption vs. power
supply voltage
Figure 60.
Current consumption vs. standby
voltage
Figure 61.
Current consumption vs. standby
voltage
23
45
6
0
1
2
3
4
5
6
RL=16
Ω
T
AMB
=25°C
Power Supply Voltage (V)
RL=32
Ω
23
45
6
0
1
2
3
T
AMB
= -40°C
T
AMB
= 85°C
T
AMB
= 25°C
No Loads
Power Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
TS488, T
AMB
=-40°C
TS488, T
AMB
=25°C
TS488, T
AMB
=85°C
V
CC
=2.5V
Standby Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
TS489, T
AMB
=-40°C
TS489, T
AMB
=25°C
TS489, T
AMB
=85°C
V
CC
=2.5V
Standby Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com