Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLPL90
Description  Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLPL90 Datasheet HTML 1Page - OSRAM GmbH SPLPL90 Datasheet HTML 2Page - OSRAM GmbH SPLPL90 Datasheet HTML 3Page - OSRAM GmbH SPLPL90 Datasheet HTML 4Page - OSRAM GmbH SPLPL90 Datasheet HTML 5Page - OSRAM GmbH SPLPL90 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2006-04-12
2
SPL PL90
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
max.
Spitzenausgangsleistung
Peak output power
P
peak
30
W
Durchlaßstrom
Forward current
I
F
40
A
Pulsbreite (Halbwertsbreite)
Pulse width (FWHM)
t
p
100
ns
Tastverhältnis
Duty cycle
d.c.
0.1
%
Sperrspannung
Reverse voltage
V
R
3
V
Betriebstemperatur
Operating temperature
T
op
- 40
+ 85
°C
Lagertemperatur
Storage temperature
T
stg
- 40
+ 100
°C
Löttemperatur
(
t
max = 10 s, 2 mm von Gehäuseunterseite)
Soldering temperature
(
t
max = 10 s, 2 mm from bottom edge of case)
T
s
+ 260
°C
LASER COMPONENTS IG, Inc., 9 River Road, Hudson, NH 03051 - USA, Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com