Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPLPL90
Description  Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90 Datasheet(HTML) 4 Page - OSRAM GmbH

  SPLPL90 Datasheet HTML 1Page - OSRAM GmbH SPLPL90 Datasheet HTML 2Page - OSRAM GmbH SPLPL90 Datasheet HTML 3Page - OSRAM GmbH SPLPL90 Datasheet HTML 4Page - OSRAM GmbH SPLPL90 Datasheet HTML 5Page - OSRAM GmbH SPLPL90 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPL PL90
2006-04-12
4
Optical output power
P
opt and forward voltage
V
F vs. forward current IF (TA = 25 °C)
Far-field distribution parallel to junction
I
rel vs.
θ
|| (TA = 25 °C, Popt = 25 W)
Optical spectrum, relative intensity
I
rel vs.
Wavelength
λ (T
A = 25 °C, Popt = 25 W)
Far-field distribution perpendicular
to junction
I
rel vs. θ
⊥ (TA = 25 °C, Popt = 25 W)
0
0
V
F
IF
OHL00751
0
Popt
W
A
1
10
2
20
3
30
4
40
5
50
V
10
20
30
40
Deg
-30
θ
0.25
0
0.50
0.75
I
rel
1.00
OHL00752
-20
-10
0
10
30
OHW00913
0
880
λ
Ι
rel
%
nm
0.25
0.50
0.75
1.00
890
900
910
930
OHL00753
0
-40
0.25
0.50
0.75
1.00
Deg
I
rel
θ
-30 -20 -10
0
10 20
40
LASER COMPONENTS IG, Inc., 9 River Road, Hudson, NH 03051 - USA, Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com