Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SPLPL90
Description  Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90 Datasheet(HTML) 6 Page - OSRAM GmbH

  SPLPL90 Datasheet HTML 1Page - OSRAM GmbH SPLPL90 Datasheet HTML 2Page - OSRAM GmbH SPLPL90 Datasheet HTML 3Page - OSRAM GmbH SPLPL90 Datasheet HTML 4Page - OSRAM GmbH SPLPL90 Datasheet HTML 5Page - OSRAM GmbH SPLPL90 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2006-04-12
6
SPL PL90
Published by
OSRAM Opto Semiconductors GmbH
© All Rights Reserved.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
www.lasercomponents.com
Issue:
04/07 / V1 / HW / osram/ spl-pl90.pdf
LASER COMPONENTS IG, Inc., 9 River Road, Hudson, NH 03051 - USA, Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com