Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPLPL90
Description  Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90 Datasheet(HTML) 5 Page - OSRAM GmbH

  SPLPL90 Datasheet HTML 1Page - OSRAM GmbH SPLPL90 Datasheet HTML 2Page - OSRAM GmbH SPLPL90 Datasheet HTML 3Page - OSRAM GmbH SPLPL90 Datasheet HTML 4Page - OSRAM GmbH SPLPL90 Datasheet HTML 5Page - OSRAM GmbH SPLPL90 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPL PL90
2006-04-12
5
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) /
Dimensions are specified as follows: mm (inch).
4.2 (0.165)
5.0 (0.197)
27.0 (1.063)
29.0 (1.142)
1.8 (0.071)
1.2 (0.047)
Cathode
Chip position
Area not flat
5.5 (0.217)
5.9 (0.232)
Bottom view
0.4 (0.016)
0.6 (0.024)
GEOY6066
3.5 (0.138)
0.1 (0.004) ... 0.7 (0.028)
5.1 (0.201)
4.8 (0.189)
3.7 (0.146)
A
A
ø0.3
X
Y
Detail X
Detail Y
5˚
5˚
LASER COMPONENTS IG, Inc., 9 River Road, Hudson, NH 03051 - USA, Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com